Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48511BAZ Datasheet(PDF) 6 Page - Texas Instruments

Part # PTB48511BAZ
Description  DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48511BAZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTB48511BAZ Datasheet HTML 2Page - Texas Instruments PTB48511BAZ Datasheet HTML 3Page - Texas Instruments PTB48511BAZ Datasheet HTML 4Page - Texas Instruments PTB48511BAZ Datasheet HTML 5Page - Texas Instruments PTB48511BAZ Datasheet HTML 6Page - Texas Instruments PTB48511BAZ Datasheet HTML 7Page - Texas Instruments PTB48511BAZ Datasheet HTML 8Page - Texas Instruments PTB48511BAZ Datasheet HTML 9Page - Texas Instruments PTB48511BAZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Not Recommended for New Designs
PTB48510
PTB48511
SLTS219F – FEBRUARY 2004 – REVISED MARCH 2007
www.ti.com
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
The positive input supply for the module with respect to VI (or ground return). When powering the module from
+VI
(1)
1
a –48 V telecom central office supply, this input is connected to the primary system ground.
This pin is used when the PTB4851x and PTB4850x DC/DC converter modules are used together. Connecting
Sync In
2
this pin to the Sync Out of the PTB4850x module allows the PTB4851x to be synchronized to the same switch
conversion frequency as the PTB4850x.
This is an open-collector (open-drain) negative logic input that enables the module output. This pin is
Enable (2)
3
referenced to –VI . A logic 0 at this pin enables the module's outputs, and a high impedance disables the
outputs. If this feature is not used the pin should be connected to –VI .
Note: Connecting this input directly to the EN Out pin of the PTB4850x enables the output voltages from both
converters (PTB4850x and PTB4851x) to power up in sequence.
The negative input supply for the module, and the 0 VDC reference for the Enable, and Sync In signals. When
-VI
4
the module is powered from a +48-V supply, this input is connected to the 48-V Return.
The positive output supply voltage, which is referenced to the COM node. The voltage at VO1 has the same
VO1
5
magnitude, but is the complement to that at VO2 .
The negative output supply voltage, which is referenced to the COM node. The voltage at VO2 has the same
VO2
8
magnitude, but is the complement to that at VO1 .
The secondary return reference for the module's regulated output voltages. This node is dc isolated from the
COM
6
input supply pins.
Using a single resistor, this pin allows the magnitude of both VO1 and VO2 to be adjusted together, either higher
VOAdj
7
or lower than their preset value. If not used, this pin should be left open circuit.
(1)
Shaded functions indicate signals that are referenced to -VI
(2)
Denotes negative logic: Open = Output Off, –VI = Normal operation.
6
Copyright © 2004–2007, Texas Instruments Incorporated


Similar Part No. - PTB48511BAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48511B TI-PTB48511B Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
More results

Similar Description - PTB48511BAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com