Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48502 Datasheet(PDF) 10 Page - Texas Instruments

Part # PTB48502
Description  DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48502 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTB48502 Datasheet HTML 6Page - Texas Instruments PTB48502 Datasheet HTML 7Page - Texas Instruments PTB48502 Datasheet HTML 8Page - Texas Instruments PTB48502 Datasheet HTML 9Page - Texas Instruments PTB48502 Datasheet HTML 10Page - Texas Instruments PTB48502 Datasheet HTML 11Page - Texas Instruments PTB48502 Datasheet HTML 12Page - Texas Instruments PTB48502 Datasheet HTML 13Page - Texas Instruments PTB48502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (1)(2)(3)
CHARACTERISTIC DATA (PTB48502A)
0
20
60
100
IL − Load Current − A
90
80
70
60
50
100
40
80
VI = 48 V
VI = 36 V
VI = 75 V
(See Note B)
IL − Load Current − A
0
20
40
60
80
100
12
10
8
4
2
0
6
VI = 75 V
VI = 48 V
VI = 36 V
(See Note B)
IL − Load Current − A
0
2
4
6
8
10
−6
−4
−2
0
2
4
6
12
VO 1 vs IO 2
VO 2 vs IO 1
20
30
40
50
60
70
80
90
Total Output Power − W
0
10
20 30 40
50
60 70
80
90 100
400LFM
200LFM
100LFM
Nat Conv
VI = 48 VDC
(See Note B, C)
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
[Io
1 = 8 A, Io2 = 10 A represents 100% load]
EFFICIENCY
POWER DISSIPATION
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 13.
Figure 14.
CROSS REGULATION
∆Vo
x vs Ioy
SAFE OPERATING AREA
Iox = 1 A and VI = 48 V
VI = 48 V
Figure 15.
Figure 16.
(1)
A. Characteristic data has been developed from actual products tested at 25
°C. This data is considered typical data for the converter.
(2)
B. Load current is increased proportionally from both outputs, up to the indicated maximum value of each respective output.
(3)
C. SOA curves represent the conditions at which internal components are at or below the manufacturer's maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper.
10
Submit Documentation Feedback
PTB48500A and PTB48502A are Not Recommended for New Designs


Similar Part No. - PTB48502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48502 TI-PTB48502 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48502 TI-PTB48502 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502 TI1-PTB48502 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48502A TI1-PTB48502A Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48502AAH TI-PTB48502AAH Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com