Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48500 Datasheet(PDF) 11 Page - Texas Instruments

Part # PTB48500
Description  DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTB48500 Datasheet HTML 7Page - Texas Instruments PTB48500 Datasheet HTML 8Page - Texas Instruments PTB48500 Datasheet HTML 9Page - Texas Instruments PTB48500 Datasheet HTML 10Page - Texas Instruments PTB48500 Datasheet HTML 11Page - Texas Instruments PTB48500 Datasheet HTML 12Page - Texas Instruments PTB48500 Datasheet HTML 13Page - Texas Instruments PTB48500 Datasheet HTML 14Page - Texas Instruments PTB48500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE LOWER OUTPUT
CALCULATION OF THE ADJUST RESISTOR
R
1
[Adjust Up] + Rp
Va
Va * Vo
* Rs kW
(1)
R
2
[Adjust Down] + Rn
Va
Vo * Va
* Rs kW
(2)
+VO
PTB4850x
6
9
COM
7
VO2
VO2Adj
R1
Adjust
Up
PTB4850x
6
9
COM
7
+VO
VO2
VO2Adj
(R2)
Adj Down
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
VOLTAGE OF THE PTB4850x
The value of the adjust resistor is calculated using
The PTB4850x series of DC/DC converters are
one of the following equations. Use the equation for
designed to produce two logic-level supply voltages
R1 to adjust up, or (R2) to adjust down.
for use with the AC-7 ADSL chipset. The magnitude
of lowest output voltage (Vo2) can be adjusted higher
or lower by up to 10% or —20% of the nominal. The
adjustment method uses a single external resistor.1
The value of the resistor determines the amount of
adjustment, and its placement determines whether
the voltage is increased or decreased. The resistor
values can be calculated using the appropriate
Where:
formula (see Equation 1 and Equation 2), or simply
Vo = Magitude of the original output voltage
selected from the range of values given in Table 2.
The placement of each resistor is as follows.
Va = Magnitude of the adjusted voltage
Rp = Adjust-up constant from Table 1
Adjust Up: To increase the magnitude of both
output voltages, place a resistor R1 between Vo2 Adj
Rn = Adjust-down constant from Table 1
(pin 9) and the Vo2 (pin 6) voltage rail; see
Rs = Internal series resistor from Table 1
Figure 17.
Table 1. Adjustment Range and Formula
Parameters
Part No.
PTB48500(1)A
PTB48502A
Vo(nom)
1.2 V
1.2 V
Va(min)
0.96 V
0.84 V
Va(max)
1.32 V
1.32 V
Rp (kΩ)
1.648
1.196
Rn (kΩ)
4.624
3.598
Rs (kΩ)
18.2V
13.0
NOTES:
1. A 0.05 W rated resistor may be used. The
tolerance should be 1%, with a temperature
Figure 17. Adjust Up
stability of 100 ppm/
°C or better. Place the
resistor in either the R1 or (R2) location, as close
Adjust Down: To decrease the magnitude of both
to the converter as possible.
output voltages, add a resistor (R2), between Vo2 Adj
2. Never connect capacitors to the Vo2 Adj pin.
(pin 9) and the COM (pin 7) voltage rail; see
Capacitance added to this pin can affect the
Figure 18.
stability of the regulated output.
Table 2. Adjust Resistor Values
Part No.
PTB4850xA
PTB48502A
% Adjust
Va (V)
R1 / (R2)(1)
R1 / (R2)(1)
–21
0.848
N/A
(0.5) k
–20
0.960
(0.3) k
(1.4) k
–19
0.972
(1.5) k
(2.3) k
–18
0.984
(2.9) k
(3.4) k
–17
0.996
(4.4) k
(4.6) k
–16
1.008
(6.1) k
(5.9) k
–15
1.020
(8.0) k
(7.4) k
–14
1.032
(10.2) k
(9.1) k
Figure 18. Adjust Down
(1)
R1 =Adjust up, (R2) =Adjust down
11
Submit Documentation Feedback
PTB48500A and PTB48502A are Not Recommended for New Designs


Similar Part No. - PTB48500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500 TI-PTB48500 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500AAH TI-PTB48500AAH Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com