Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR08060W Datasheet(PDF) 1 Page - Texas Instruments

Part # PTR08060W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTR08060W Datasheet(HTML) 1 Page - Texas Instruments

  PTR08060W_14 Datasheet HTML 1Page - Texas Instruments PTR08060W_14 Datasheet HTML 2Page - Texas Instruments PTR08060W_14 Datasheet HTML 3Page - Texas Instruments PTR08060W_14 Datasheet HTML 4Page - Texas Instruments PTR08060W_14 Datasheet HTML 5Page - Texas Instruments PTR08060W_14 Datasheet HTML 6Page - Texas Instruments PTR08060W_14 Datasheet HTML 7Page - Texas Instruments PTR08060W_14 Datasheet HTML 8Page - Texas Instruments PTR08060W_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
4
5
2
1
3
V
O
V
OAdjust
V
I
Inhibit
GND
PTR08060W
R
SET
1%, 0.05 W
C
O
100 mF
(Required)
L
O
A
D
C
I
100 mF
(Required)
GND
Inhibit
V
I
V
O
GND
UDG-07129
PTR08060W
www.ti.com
SLTS289G – AUGUST 2007 – REVISED MARCH 2013
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED,
ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
Check for Samples: PTR08060W
1
FEATURES
APPLICATIONS
Up to 6-A Output Current
Instrumentation
Wide Input Voltage Range (4.5 V to 14 V)
Consumer Electronics
Wide-Output Voltage Adjust
Servers
(0.6 V to 5.5 V)
General-Purpose Circuits
Efficiencies Up To 96%
ON/OFF Inhibit
Undervoltage Lockout (UVLO)
Output Overcurrent Protection
(Nonlatching, Auto-Reset)
Ambient Temp. Range: –40°C to 85°C
Space Saving Vertical SIP Package
DESCRIPTION
The PTR08060W is a highly integrated, low-cost switching regulator module that delivers up to 6 A of output
current. Occupying approximate PCB area of a standard TO-220 linear regulator IC, the PTR08060W provides
output current at a much higher efficiency and with much less power dissipation, thereby eliminating the need for
a heat sink. Their small size (0.65 x 0.41 in), high efficiency, and low cost makes these modules attractive for a
variety of applications.
The input voltage range of the PTR08060W is from 4.5 V to 14 V, allowing operation from either a 5-V or 12-V
input bus. Using state-of-the-art switched-mode power-conversion technology, the PTR08060W can step down to
voltages as low as 0.6 V. The output voltage can be adjusted to any voltage over the range, 0.6 V to 5.5 V, using
a single external resistor. Operating features include an undervoltage lockout (UVLO), on/off inhibit and output
overcurrent protection. Target applications include servers, test and measurement applications, and high-end
consumer products.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTR08060W_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results

Similar Description - PTR08060W_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W Datasheet
348Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com