Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

582-19.6608M-215A-VC Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 582-19.6608M-215A-VC
Description  Clipped Sine Wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

582-19.6608M-215A-VC Datasheet(HTML) 2 Page - Oscilent Corporation

  582-19.6608M-215A-VC Datasheet HTML 1Page - Oscilent Corporation 582-19.6608M-215A-VC Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency Stability
(max.)
Operating Temp.
(°C)
Pin 1 Connection
582
- 19.6608 M
- 3
15
A
- NC
Oscilent
5 x 3.2mm VCTCXO
Available Freqencies
- 12.80
- 13.00
- 19.20
- 19.6608
- 19.68
- 19.80
- 26.00
5 = 5 VDC
3 = 3.0 VDC
2 = 2.8 VDC
Consult with
Oscilent for other
available voltage
options.
15 =
±1.5 PPM
20 =
±2.0 PPM
25 =
±2.5 PPM
A =
0 ~ +50
D =
-20 ~ +70
J =
-25 ~ +75
K =
-30 ~ +85
NC = No Connection
VC = Voltage
Control
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 582
Page 2 of 2
Oscilent Corporation | 582 Series TCXO - Temperature Compensated Crystal Oscillator ...


Similar Part No. - 582-19.6608M-215A-VC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
   Clipped Sine Wave
582-19.6608M-315D OSCILENT-582-19.6608M-315D Datasheet
141Kb / 2P
   Clipped Sine Wave
582-19.6608M-315J OSCILENT-582-19.6608M-315J Datasheet
141Kb / 2P
   Clipped Sine Wave
582-19.6608M-315K OSCILENT-582-19.6608M-315K Datasheet
141Kb / 2P
   Clipped Sine Wave
582-19.6608M-320A OSCILENT-582-19.6608M-320A Datasheet
141Kb / 2P
   Clipped Sine Wave
More results

Similar Description - 582-19.6608M-215A-VC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
   Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
   Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
   Clipped Sine Wave
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
   Clipped Sine Wave
580 OSCILENT-580 Datasheet
144Kb / 2P
   Clipped Sine Wave
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
   Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com