Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP202 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVCP202
Description  Gigabit 2 횞 2 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVCP202_14 Datasheet HTML 6Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 7Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 8Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 9Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 10Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 11Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 12Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 13Page - Texas Instruments SN65LVCP202_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TYPICAL DEVICE BEHAVIOR
50ps/div
50ps/div
Eye After51-inchFR-4 Trace,Input800mV
PP
Eye After51-inchFR-4 Trace,Input800mV
PP,
Throughthe202WithPreemphasisat3dB
100ps/div
PreemphasisLevels
0dB
3dB
6dB
9dB
1
1
0
1
1
0
0
0
SN65LVCP202
SLLS914 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
NOTE: 51-Inch (129,54-cm) input trace, dR = 2.5 Gbps; 27 – 1 PRBS
Figure 9. Data Input and Output Pattern
Figure 10. Preemphasis Signal Shape
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP202


Similar Part No. - SN65LVCP202_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202RGER TI1-SN65LVCP202RGER Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202RGET TI1-SN65LVCP202RGET Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP202_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A Datasheet
573Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com