Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC560E Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC560E
Description  Dual Output Low Noise LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560E Datasheet(HTML) 3 Page - Semtech Corporation

  SC560E Datasheet HTML 1Page - Semtech Corporation SC560E Datasheet HTML 2Page - Semtech Corporation SC560E Datasheet HTML 3Page - Semtech Corporation SC560E Datasheet HTML 4Page - Semtech Corporation SC560E Datasheet HTML 5Page - Semtech Corporation SC560E Datasheet HTML 6Page - Semtech Corporation SC560E Datasheet HTML 7Page - Semtech Corporation SC560E Datasheet HTML 8Page - Semtech Corporation SC560E Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC560
3
Exceeding the above speci cations may result in permanent damage to the device or device malfunction. Operation outside of the parameters
speci ed in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
EN, ENB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN + 0.3)
PGOOD (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN + 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN + 0.3)
OUTA, OUTB Short Circuit Duration . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . -40 < T
A < +85
V
IN (V ) .. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 < VIN < 5.5
V
OUTA, VOUTB (V ) .... . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 < VOUT < 5.0
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . 157
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted V
IN = 3.6V, CIN = 2.2μF, COUTA = COUTB = 1μF, VEN = VENB = VIN, TA = -40 to +85°C. Typical values are at TA = 25°C. All
speci cations apply to both LDOs unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage Range
V
IN
2.5
5.5
V
Output Voltage
V
OUTx
V
IN > VOUTx + 0.3V
1.2
5.0
V
Output Voltage Accuracy
ΔV
OUTx
V
IN = 2.5V to 5.5V, IOUTx = 0 to 300mA,
V
IN > VOUTx + 0.3V
-3
3
%
Maximum Output Current
I
MAX
300
mA
Dropout Voltage(1)
V
D
I
OUTx = 200mA, VOUTx = 2.5V
180
215
mV
I
OUTx = 200mA, VOUTx = 3.3V to 5.0V
100
mV
Shutdown Current
I
SD
T
A = 25°C
0.1
1
μA
Quiescent Current
I
Q
I
OUTA = IOUTB = 0mA, TA = 25°C
100
μA
Load Regulation
ΔV
LOAD
I
OUTx = 1mA to IMAX
20
mV
Line Regulation
ΔV
LINE
I
OUTx = 1mA
-6
6
mV
Feedback Regulation Voltage(2)
V
FB
0.985
1
1.015
V
Current Limit
I
LIM
350
850
mA
Electrical Characteristics


Similar Part No. - SC560E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
More results

Similar Description - SC560E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
   Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com