Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2502-4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS2502-4
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2502-4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS2502-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2502-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PS2502-1,-2,-4,PS2502L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
0.5
0.1
1
5
10
50
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
20
40
60
80
100
120
140
160
2
46
8
5 mA
10
2 mA
1 mA
IF = 0.5 mA
10
1
100
1000
10 000
–50
–25
0
25
50
75
100
0.2
0.5
1
5
10
200
50
0.4
100
0.6
0.8
1.0
1.2
1.4
1.6
5 mA
2 mA
1 mA
0.5 mA
IF = 0.1 mA
0.2 mA
1.5 mW/˚C
1.2 mW/˚C
PS2502-1
PS2502L-1
PS2502-2
PS2502L-2
PS2502-4
PS2502L-4
0 ˚C
–25 ˚C
–55 ˚C
VCE = 2 V
5 V
10 V
24 V
40 V
+60 ˚C
+25 ˚C
TA = +100 ˚C
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector to Emitter Voltage VCE (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
150
100
50
025
50
75
100
125
150
2 mW/˚C
1.6 mW/˚C
200
PS2502-2
PS2502L-2
PS2502-4
PS2502L-4
PS2502-1
PS2502L-1
Data Sheet PN10226EJ01V0DS
7


Similar Part No. - PS2502-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2502-4 NEC-PS2502-4 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
ISOCOM COMPONENTS
PS2502-4 ISOCOM-PS2502-4 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
California Eastern Labs
PS2502-4 CEL-PS2502-4 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2502-4 CELDUC-PS2502-4 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502-4 ETC2-PS2502-4 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2502-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2562-1 RENESAS-PS2562-1 Datasheet
282Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2562-1 NEC-PS2562-1 Datasheet
105Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562-1 CEL-PS2562-1 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2502-1 NEC-PS2502-1 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502-2-A ETC2-PS2502-2-A Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com