Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC115TT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC115TT
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115TT Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC115TT Datasheet HTML 1Page - NXP Semiconductors PDTC115TT Datasheet HTML 2Page - NXP Semiconductors PDTC115TT Datasheet HTML 3Page - NXP Semiconductors PDTC115TT Datasheet HTML 4Page - NXP Semiconductors PDTC115TT Datasheet HTML 5Page - NXP Semiconductors PDTC115TT Datasheet HTML 6Page - NXP Semiconductors PDTC115TT Datasheet HTML 7Page - NXP Semiconductors PDTC115TT Datasheet HTML 8Page - NXP Semiconductors PDTC115TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
5 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
7.
Characteristics
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC = 1 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5 mA; IB = 0.25 mA
-
-
150
mV
R1
bias resistor 1 (input)
70
100
130
k
Cc
collector capacitance
IE =ie = 0 A; VCB =10V;
f=1MHz
-
-
2.5
pF
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa058
IC (mA)
10−1
102
10
1
103
hFE
102
(1)
(2)
(3)
006aaa059
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(1)
(3)
(2)


Similar Part No. - PDTC115TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC115TT PHILIPS-PDTC115TT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTC115TT NEXPERIA-PDTC115TT Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC115TT NEXPERIA-PDTC115TT Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results

Similar Description - PDTC115TT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
logo
NXP Semiconductors
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
logo
NXP Semiconductors
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
logo
NXP Semiconductors
PDTC114TT-215 NXP-PDTC114TT-215 Datasheet
88Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com