Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8030 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 8030
Description  Its a complete tool kit that fits in your palm.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8030 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  8030 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 7Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 8Page - List of Unclassifed Manufacturers 8030 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
KT 8 precision cutter for solid, stranded & flexible cables of soft copper
and aluminum. Precise & effortless cuts. Perfect cutter for coax & UTP cables;
doesn’t deform cable when cut. Cuts up to 6 AWG (16 mm2).
P/N 900265
900265
Cut &
Strip
Kevlar® Cutter for strands in fiber
optic cable. Features hard-chromed
serrated edge steel blades.
P/N 1511
1511
Pen-type fiber optic scribe
with screw-in, non-reversible
carbide tip and pocket clip.
P/N 1922.1
1163
Aluminum polishing pucks with tungsten coating
for polishing fiber optic connectors. Leave less debris
and double the life of plastic pucks.
P/N 1920.1 - SC, ST & FC type
P/N 1926.1 - LC type
FiverOptic™– multi-functional fiber optic stripper strips 2.0–2.4 mm
fiber and 2.8–3.0 mm fiber outer jackets; 2.0–3.0 mm loose tube fiber;
900 µm buffer from loose buffer fiber without removing acrylate, and buffer
and acrylate from 900/125 µm and 250/125 µm fiber. Optimum ergonomic
design prevents awkward wrist bends & handles are rubber-embedded for
additional comfort.
P/N 1163
1163
KT 35 ratcheted cutter for large utility & power cables –
solid, stranded & flexible soft copper and aluminum – features
soft, rubber-embedded handles. Made from hardened, precision
steel cutting blades for long-life. Smooth ratcheting for
one- hand operation. Cuts up to 500 MCM (240 mm2)
cable or diameter of 1.4” (35 mm).
P/N 900256
900256
AM 25, 35 & Universal Professional Slitters
are the original tools designed for slitting PVC & THHN
insulation from round cables! Blade swivels for circular,
longitudinal, & spiral cuts. Great for corrugated aluminum
armor cables and mid-point taps or window slits.
P/N 1820 AM 25 for cables less than 1”
P/N 1821 AM 35 for cables 1.0-1.4”
P/N 1822 Universal Slitter for .18-1.4” diameter cable
1820
4


Similar Part No. - 8030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8030 ETC2-8030 Datasheet
122Kb / 1P
   TYPE N FEMALE TO TYPE N MALE RADIUS R/A ADAPTER
logo
NTE Electronics
8030 NTE-8030 Datasheet
57Kb / 1P
   Radial Lead Thermal Cutoff
logo
Heyco.
8030 HEYCO-8030 Datasheet
173Kb / 1P
   Specialty Pins
logo
Christian Bürkert GmbH ...
8030 BURKERT-8030 Datasheet
825Kb / 14P
   Inline flowmeter for continuous measurements
15.12.2023
logo
Silicom Ltd.
80300-0093-G01 SILICOM-80300-0093-G01 Datasheet
380Kb / 2P
   Intel짰 Atom C2000 x86 Network Board with 4 RJ45 GbE and 2 SFP 10GbE Ports
More results

Similar Description - 8030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1555 ETC2-PA1555 Datasheet
1Mb / 16P
   It?셲 a complete tool kit that fits in your palm.
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
   The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
   The Shape that Fits the Future
logo
Molex Electronics Ltd.
0198082012 MOLEX-0198082012 Datasheet
37Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
11/02/2021
0198082022 MOLEX-0198082022 Datasheet
43Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
0192870068 MOLEX-0192870068 Datasheet
29Kb / 1P
   ASP Perishable Tool Kit used in ASP Press that Processes Metal Strip Product
02/09/2017
0190270123 MOLEX-0190270123 Datasheet
34Kb / 1P
   ATP Perishable Tool Kit used in ATP presses that process product on tape
01/25/2022
0190270091 MOLEX-0190270091 Datasheet
32Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tapes
11/02/2021
0190270300 MOLEX-0190270300 Datasheet
39Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com