Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12MC0221 Datasheet(PDF) 1 Page - AVX Corporation

Part # NC12MC0221
Description  NTC SMD Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NC12MC0221 Datasheet(HTML) 1 Page - AVX Corporation

  NC12MC0221 Datasheet HTML 1Page - AVX Corporation NC12MC0221 Datasheet HTML 2Page - AVX Corporation NC12MC0221 Datasheet HTML 3Page - AVX Corporation NC12MC0221 Datasheet HTML 4Page - AVX Corporation NC12MC0221 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10
Types
NC 12
NC 20
IEC SIZE : 0805
IEC SIZE : 1206
Terminations
Silver – palladium – platinum metallization
Marking
On packaging only
Climatic category
40/125/56
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±5%, ±10%, ±20%
Maximum dissipation at 25°C
0.12 W
0.24 W
Thermal dissipation factor
2 mW/°C
4 mW/°C
Thermal time constant
5 s
7 s
NTC SMD Thermistors
NC 12 – NC 20
Chip thermistors are a high quality and low cost device espe-
cially developed for surface mounting applications. They are
widely used for temperature compensation but can also
achieve temperature control of printed circuits. Its silver -
palladium - platinum metallization provides a high degree of
resistance to dewetting of the terminations during soldering
(typically 260°C / 30 s).
APPLICATIONS
• LCD compensation
• Battery packs
• Mobile phones
• CD players
• Heating systems
• Air-conditioning systems
• Temperature control of Switch Mode Power Supplies
• Compensation of pressure sensors
• Protection of power transistors in various electronic circuits
2 (.079)
± 0.3 (.012)
1.25 (.049)
± 0.2 (.008)
0.5 (.020)
... 1.3 (.051)
0.2 (.008) min
0.2 (.008) min
3.2 (.126)
± 0.4 (.016)
0.2 (.008) min
0.2 (.008) min
1.6 (.063)
± 0.25 (.010)
0.5 (.020)
... 1.5 (.059)
Resistance - Temperature characteristics: pages 36 to 40.
HOW TO ORDER
NC 20
Type
K 0
Material Code
K
(See tables pages 11, 36-40)
0103
Resistance
10,000
M
Tolerance
M (±20%)
J (±5%)
K (±10%)
BA
Suffix: Packaging
– –: Bulk
BA: Plastic tape
(180mm diam. reel)
BE: Plastic tape (1/2 reel)
BC: Plastic tape
(330mm diam. reel)
BB: Cardboard tape
(180mm diam. reel)
BF: Cardboard tape (1/2 reel)
BD: Cardboard tape
(330mm diam. reel)
DIMENSIONS: millimeters (inches)


Similar Part No. - NC12MC0221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC12MAAH0-0-B ETC2-NC12MAAH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
NC12MAH0-0-B ETC2-NC12MAH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
More results

Similar Description - NC12MC0221

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com