Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1092DBRG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1092DBRG
Description  Integrated IEEE 802.3af PoE-PD Interface Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1092DBRG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1092DBRG Datasheet HTML 4Page - ON Semiconductor NCP1092DBRG Datasheet HTML 5Page - ON Semiconductor NCP1092DBRG Datasheet HTML 6Page - ON Semiconductor NCP1092DBRG Datasheet HTML 7Page - ON Semiconductor NCP1092DBRG Datasheet HTML 8Page - ON Semiconductor NCP1092DBRG Datasheet HTML 9Page - ON Semiconductor NCP1092DBRG Datasheet HTML 10Page - ON Semiconductor NCP1092DBRG Datasheet HTML 11Page - ON Semiconductor NCP1092DBRG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP1090, NCP1091, NCP1092
http://onsemi.com
8
Example for a Targeted Uvlo_on of 35 V:
Let’s start with a Rdet of 30.1 k
Ω. This gives a Ruvlo of
144 k
Ω made with a Ruvlo2 of 4.99 kΩ and a Ruvlo1 of
140 k
Ω (closest values from E96 series). Note that there is
a pull down current of 2.5
mA typ on the UVLO. Assuming
the previous example, this pull down current will create a
(non critical) systematic offset of 350 mV on the Uvlon_on
level of 35 V.
The external UVLO hysteresis on the NCP1091 is about
15 percent typical.
Inrush and Operational Current Limitations
Both inrush and operational current limit are defined by
an external Rinrush resistor connected between INRUSH
and VPORTN. The low inrush current limit allows smooth
charge of large dc−dc converter input capacitor by limiting
the power dissipation over the internal pass switch. In power
mode, the operational current limit protects the pass switch
and the PD application against excessive transient current
and failure on the dc−dc converter output.
Once the input supply reached the Vulvo_on level, the
charge of Cpd capacitor starts with a current limitation set to
to the INRUSH level. When this capacitor is fully charged,
the current limit switches without any spikes from the inrush
current to the operational current level and the power good
indicator on PGOOD pin is turned on. The capacitor is
considered to be fully charged once the following conditions
are satisfied:
1. The drain−source voltage of the Pass Switch has
decreased below the Vds_pgood_on level (typical
1V)
2. The gate−source voltage of the Pass Switch is
sufficiently high (above 2 V typical) which means
the current in the pass switch has decreased below
the current limit.
This mechanism is depicted in the following Figure 7.
Operational current limit
VPORTNx
Pass Switch
Inrush current limit
RTN
0
1
VDDA1
VDDA1
1 V / 10 V
2 V
Delay
&
detector
PGOOD
Pgood_on
RTN
Pgood_on
Sense Resistor
Vds_pgood comparator
Vgs_pgood comparator
Figure 7. Inrush and Operational Current Limitation Selection Mechanism
100 mS
The operational current limit and the power good
indicator stays active as long as RTN voltage stays below the
vds_pgood_off threshold (10 V typical) and the input supply
stay above the Vulvo_off level. Therefore, fast and large
voltage step lower than 10 V are tolerated on the input
without interruption of the converter controller. Higher
input transient will not affect the behavior if RTN does not
exceed 10 V for more than 100
mS. Such input voltage steps
may be introduced by a PSE which is switched to a higher
power supply. In case RTN is still above 10 V after this delay,
the power good is turned off and the pass switch current limit
falls back to the inrush level.
PGOOD Indicator
The NCP1090/91/92 integrate a Power Good indicator
circuitry indicating the end of the dc−dc converter input
capacitor charge, and the enabling of the operational current
limit. This indicator is implemented on the PGOOD pin
which goes in open drain state when active and which is
pulled to ground during turn off.
A possible usage of this PGOOD pin is illustrated in
Figure 8. During the inrush phase, the converter controller
is forced in standby mode due to the PGOOD pin forcing low
the under voltage lock out pin of the controller. Once the Cpd
capacitor is fully charged, PGOOD goes in open drain state,
allowing the start up sequence of the converter controller.


Similar Part No. - NCP1092DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results

Similar Description - NCP1092DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com