Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3305 Datasheet(PDF) 6 Page - NEC

Part # 2SK3305
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3305 Datasheet(HTML) 6 Page - NEC

  2SK3305 Datasheet HTML 1Page - NEC 2SK3305 Datasheet HTML 2Page - NEC 2SK3305 Datasheet HTML 3Page - NEC 2SK3305 Datasheet HTML 4Page - NEC 2SK3305 Datasheet HTML 5Page - NEC 2SK3305 Datasheet HTML 6Page - NEC 2SK3305 Datasheet HTML 7Page - NEC 2SK3305 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14003EJ1V0DS00
6
2SK3305
Figure17. SINGLE AVALANCHE ENERGY vs
STARTING CHANNEL TEMPERATURE
150
100
125
75
25
50
25
50
75
100
125
ID(peak) = IAS
RG = 25
VGS = 20 V
→ 0 V
VDD = 150 V
150
175
EAS = 125 mJ
Starting Tch - Starting Channel Temperature - ˚C
0
Figure18. SINGLE AVALANCHE CURRENT vs
INDUCTIVE LOAD
100
10
1
IAS = 5.0 A
E
AS = 125
mJ
RG = 25
VDD = 150 V
VGS = 20 V
→ 0 V
Starting Tch = 25 ˚C
L - Inductive Load - H
0.1
1 m
10 m
100
µ
100 m


Similar Part No. - 2SK3305

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3305 KEXIN-2SK3305 Datasheet
43Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3305 ISC-2SK3305 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3305 RENESAS-2SK3305 Datasheet
306Kb / 10P
   SWITCHINGN-CHANNEL POWER MOS FET
2000
logo
Inchange Semiconductor ...
2SK3305-S ISC-2SK3305-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3305-S RENESAS-2SK3305-S Datasheet
306Kb / 10P
   SWITCHINGN-CHANNEL POWER MOS FET
2000
More results

Similar Description - 2SK3305

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com