Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

493 Datasheet(PDF) 2 Page - Oscilent Corporation

Part No. 493
Description  PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSCILENT [Oscilent Corporation]
Homepage  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

493 Datasheet(HTML) 2 Page - Oscilent Corporation

  493 Datasheet HTML 1Page - Oscilent Corporation 493 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1 Tri-State or No Connection
#2 No Connect or Tri-State
#3 Ground
#4 Output
#5 Complimentary Output
#6 +Vcc
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Tri-State Pin
Position
493
- 28.0 M
- 3
E
N
- T
TS1
Oscilent
SMD
Oscillators
Enter your freq.
e.g. 28.0M = 28.00 MHz
5 = 5VDC
3 = 3.3VDC
D =
±100 PPM
E =
±50 PPM
F =
±25 PPM
G =
±20 PPM
Blank* = 0~+70
D = -20~+70
K = -30~+85
N = -40~+85
P = 0~+85
Blank*= 50±10%
T = -50±5%
TS1 = Pin # 1
TS2 = Pin # 2
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 493
Page 2 of 2
Oscilent Corporation | 493 Series Surface Mount Crystal Oscillators


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn