Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

493 Datasheet(PDF) 1 Page - Oscilent Corporation

Part No. 493
Description  PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSCILENT [Oscilent Corporation]
Homepage  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

493 Datasheet(HTML) 1 Page - Oscilent Corporation

  493 Datasheet HTML 1Page - Oscilent Corporation 493 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
493
6 Pad PCB Base
PECL Output
Jan. 01 2007
FEATURES
- Wave form symmetry of 45/55%
- PECL / LVPECL output
- Industry standard 6 Pad PCB SMD Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
Positive ECL Square Wave (PECL)
-
Input Voltage (VDD)
-
3.3 ±5%
5.0 ±5%
V
Frequency Range (fO)
-
19.440 ~ 180.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±20, ±25, ±50, ±100 max.
ppm
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
80 max.
120 max.
mA
Aging
@ 25°C
±3 max.
ppm/Y
Rise Time (TR)
20% to 80% of Waveform
1 max.
nS
Fall Time (TF)
20% to 80% of Waveform
1 max.
nS
Output Voltage High "1" VOH
PECL
Vcc - 1.025 min.
Vcc - 0.88 min.
Vdc
Output Voltage Low "0" VOL
PECL
Vcc - 1.620 max.
Vcc - 1.555 max.
Vdc
Load
Vdd - 2.0Vdc
50
Ohms
Duty Cycle
50% of Waveform
50 ±10 (Std.) / 50 ±5 (Option)
%
Jitter
RMS
1 max.
pS
PIN CONNECTIONS
Page 1 of 2
Oscilent Corporation | 493 Series Surface Mount Crystal Oscillators


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn