Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

470 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 470
Description  HCMOS / TTL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

470 Datasheet(HTML) 1 Page - Oscilent Corporation

  470 Datasheet HTML 1Page - Oscilent Corporation 470 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
470
4 Pad PCB Base
HCMOS / TTL Output
Jan. 01 2007
FEATURES
- Extended temperature range capabilities
- Tape and Reel
- Tri-State enable / disable
- 5V or 3.3V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
V
Frequency Range (fO)
-
1.000 ~ 225.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±10, ±20, ±25, ±50 max.
ppm
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 45 max.
15 ~ 85 max.
mA
Aging
@ 25°C
±3 max.
ppm/Y
Rise Time (TR) / Fall Time (TF)
-
10 max.
nS
Rise Time (TR) / Fall Time (TF)
-
10 max.
nS
Output Voltage High "1" VOH
-
2.97 min.
4.5 min.
Vdc
Output Voltage Low "0" VOL
-
0.33 max.
0.5 max.
Vdc
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
mS
Output Load
-
50 max.
pF
PIN CONNECTIONS
Page 1 of 2
Oscilent Corporation | 470 Series Surface Mount Crystal Oscillator


Similar Part No. - 470

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
470 PRODUCTWELL-470 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Littelfuse
470 LITTELFUSE-470 Datasheet
541Kb / 3P
   The 470 series is a family of 125V rated high energy SMD fuses
logo
AiT Semiconductor Inc.
470 AITSEMI-470 Datasheet
817Kb / 4P
   POWER INDUCTOR
470 AITSEMI-470 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
logo
Enercon Technologies Eu...
470 ENERCON-470 Datasheet
302Kb / 3P
   Military Grade 5 X USB2 2 X 10/100/1000BT Ethernet Rugged USB to Ethernet while charging
June 06, 2023
More results

Similar Description - 470

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
565-120.0M-3DN-TP1 OSCILENT-565-120.0M-3DN-TP1 Datasheet
135Kb / 2P
   HCMOS / TTL Output
430 OSCILENT-430 Datasheet
151Kb / 3P
   HCMOS / TTL Output
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
481 OSCILENT-481 Datasheet
150Kb / 3P
   HCMOS / TTL Output
567 OSCILENT-567 Datasheet
134Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com