Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP204 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP204
Description  Gigabit 4 횞 4 CROSSPOINT SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP204 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVCP204 Datasheet HTML 1Page - Texas Instruments SN65LVCP204 Datasheet HTML 2Page - Texas Instruments SN65LVCP204 Datasheet HTML 3Page - Texas Instruments SN65LVCP204 Datasheet HTML 4Page - Texas Instruments SN65LVCP204 Datasheet HTML 5Page - Texas Instruments SN65LVCP204 Datasheet HTML 6Page - Texas Instruments SN65LVCP204 Datasheet HTML 7Page - Texas Instruments SN65LVCP204 Datasheet HTML 8Page - Texas Instruments SN65LVCP204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RECOMMENDED OPERATING CONDITIONS
V
CC *
|V
ID
|
2
ELECTRICAL CHARACTERISTICS
SN65LVCP204
www.ti.com ................................................................................................................................................................................................... SLLS913 – MARCH 2009
MIN
NOM
MAX
UNIT
dR
Operating data rate
2.5
Gbps
VCC
Supply voltage
3.135
3.3
3.465
V
VCC(N)
Supply-voltage noise amplitude
10 Hz to 1.25 GHz
20
mV
TJ
Junction temperature
125
°C
TA
Operating free-air temperature(1)
–40
85
°C
DIFFERENTIAL INPUTS
dR(in) ≤ 1.25 Gbps
100
1750
mVPP
Receiver peak-to-peak differential input
VID
1.25 Gbps < dR(in) ≤ 2.5 Gbps
100
1560
mVPP
voltage(2)
dR(in) > 2.5 Gbps
100
1000
mVPP
Receiver common-mode
Note: for best jitter performance, ac
VICM
1.5
1.6
V
input voltage
coupling is recommended.
CONTROL INPUTS
VIH
High-level input voltage
2
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
DIFFERENTIAL OUTPUTS
RL
Differential load resistance
80
100
120
(1)
Maximum free-air temperature operation is allowed as long as the device maximum junction temperature is not exceeded.
(2)
Differential input voltage VID is defined as | IN+ – IN– |.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIFFERENTIAL INPUTS
Positive-going differential
VIT+
50
mV
input, high threshold
Negative-going differential
VIT–
–50
mV
input, low threshold
A(EQ)
Equalizer gain
at 1.25 GHz (EQ = 0)
12
dB
Termination resistance,
RT(D)
80
100
120
differential
Open-circuit input voltage
VBB
AC-coupled inputs
1.6
V
(input self-bias voltage)
Biasing network dc
R(BBDC)
30
k
impedance
Biasing network ac
R(BBAC)
375 MHz
42
impedance
DIFFERENTIAL OUTPUTS
VODH
High-level output voltage
650
mVPP
RL = 100 Ω ±1%,
VODL
Low-level output voltage
Px2 = Px1 = 0;
–650
mVPP
2.5 Gbps alternating 1010-pattern;
Output differential voltage
VODB(PP)
1000
1300
1500
mVPP
Figure 3
without preemphasis(2)
VOCM
Output common-mode voltage
1.65
V
Change in steady-state
See Figure 2
ΔVOC(SS) common-mode output voltage
1
mV
between logic states
(1)
All typical values are at TA = 25°C and VCC = 3.3-V supply unless otherwise noted. They are for reference purposes and are not
production tested.
(2)
Differential output voltage V(ODB) is defined as | OUT+ – OUT– |.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LVCP204


Similar Part No. - SN65LVCP204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204RGZR TI1-SN65LVCP204RGZR Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204RGZT TI1-SN65LVCP204RGZT Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com