Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C311AFNL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS370C311AFNL
Description  8-BIT MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C311AFNL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS370C311AFNL Datasheet HTML 4Page - Texas Instruments TMS370C311AFNL Datasheet HTML 5Page - Texas Instruments TMS370C311AFNL Datasheet HTML 6Page - Texas Instruments TMS370C311AFNL Datasheet HTML 7Page - Texas Instruments TMS370C311AFNL Datasheet HTML 8Page - Texas Instruments TMS370C311AFNL Datasheet HTML 9Page - Texas Instruments TMS370C311AFNL Datasheet HTML 10Page - Texas Instruments TMS370C311AFNL Datasheet HTML 11Page - Texas Instruments TMS370C311AFNL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
TMS370Cx1x CPU (continued)
256-Byte RAM
(Register File/Stack)
128-Byte RAM
(Register File/Stack)
Reserved
Peripheral File
Reserved
256-Byte Data EEPROM
Not Available
7FC0h
Trap 15--0
7FE0h
Reserved
7FF4h
Interrupt 3
Interrupt 2
Interrupt 1
Reset
1010h
1020h
System Control
Digital Port Control
1030h
1040h
Timer 1 Peripheral Control
Vectors
7FDFh
7FF3h
7FF5h
101Fh
102Fh
103Fh
104Fh
--
--
--
--
--
--
--
Not Available
SPI Control
Timer 1
Serial Peripheral Interface
7FFAh
7FFBh
--
7FFCh
7FFDh
--
7FFEh
7FFFh
--
0000h
0080h
007Fh
1010h
104Fh
1050h
1EFFh
1F00h
1FFFh
2000h
5FFFh
6000h
6FFFh
7000h
77FFh
7800h
FFFFh
100Fh
8K Bytes Start at 6000h
4K Bytes Start at 7000h
2K Bytes Start at 7800h
Interrupts and Reset Vectors;
Trap Vectors
7FBFh
7FC0h
7FFFh
8000h
7FF6h
7FF7h
----
7FF8h
7FF9h
--
Peripheral File Control Registers
0100h
00FFh
Reserved means that the address space is reserved for future expansion.
Not available means that the address space is not accessible.
Figure 3. TMS370Cx1x Memory Map
RAM/register file (RF)
Locations within the RAM address space can serve as the RF, general-purpose read/write memory, program
memory, or the stack instructions. The TMS370Cx10, TMS370Cx11, and TMS370C312 contain 128 bytes of
internal RAM mapped beginning at location 0000h (R0) and continuing through location 007Fh (R127) which
is shown in Table 4 along with ’712 devices.
Table 4. RAM Memory Map
’x10, ’x11 AND ’312
’712
RAM size
128 bytes
256 bytes
Memory mapped
0000h--007Fh
0000h--00FFh
The first two registers, R0 and R1, are also called register A and B, respectively. Some instructions implicitly
use register A or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the
stack pointer is contained in register B. Registers A and B are the only registers cleared on reset.


Similar Part No. - TMS370C311AFNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C311AFNL TI1-TMS370C311AFNL Datasheet
663Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C311AFNL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com