Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT122 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT122
Description  1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT122 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDT122 Datasheet HTML 1Page - Texas Instruments SN65LVDT122 Datasheet HTML 2Page - Texas Instruments SN65LVDT122 Datasheet HTML 3Page - Texas Instruments SN65LVDT122 Datasheet HTML 4Page - Texas Instruments SN65LVDT122 Datasheet HTML 5Page - Texas Instruments SN65LVDT122 Datasheet HTML 6Page - Texas Instruments SN65LVDT122 Datasheet HTML 7Page - Texas Instruments SN65LVDT122 Datasheet HTML 8Page - Texas Instruments SN65LVDT122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
INPUT ELECTRICAL CHARACTERISTICS
OUTPUT ELECTRICAL CHARACTERISTICS
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
See Figure 1 and Table 1
100
mV
VIT-
Negative-going differential input voltage threshold
See Figure 1 and Table 1
–100(2)
mV
VID(HYS) Differential input voltage hysteresis (VIT+– VIT-)
25
mV
DE
–10
0
IIH
High-level input current
VIH = 2
µA
S0, S1
0
20
DE
–10
0
IIL
Low-level input current
VIL = 0.8 V
µA
S0, S1
20
RL = 100 Ω
80
100
ICC
Supply current
mA
Disabled
35
45
VI = 0 V or 2.4 V, Other input at 1.2 V
–20
20
Input current (A or B inputs 'LVDS)
µA
VI = 4 V, Other input at 1.2 V
0
33
II
VI = 0 V or 2.4 V, Other input open
–40
40
Input current (A or B inputs 'LVDT)
µA
VI = 4 V, Other input open
0
66
VCC = 1.5 V, VI = 0 V or 2.4 V,
–20
20
Other input at 1.2 V
Input current (A or B inputs 'LVDS)
µA
VCC = 1.5 V, VI = 2.4 V or 4 V,
0
33
Other input at 1.2 V
II(OFF)
VCC = 1.5 V, VI = 0 V or 2.4 V,
–40
40
Other input open
Input current (A or B inputs 'LVDT)
µA
VCC = 1.5 V, VI = 2.4 V or 4 V,
0
66
Other input open
IIO
Input offset current (| IIA– IIB |) 'LVDS
VIA = VIB, 0 ≤ VIA ≤ 4 V
–6
6
µA
VID = 300 mV and 500 mV,
Termination resistance ('LVDT)
90
110
132
VIC = 0 V to 2.4 V
RT
VID = 300 mV and 500 mV,
Termination resistance ('LVDT with power-off)
90
110
132
VCC = 1.5 V, VIC = 0 V to 2.4 V
VI = 0.4 sin (4E6πt) + 0.5 V
3
Differential input capacitance ('LVDT with
CI
pF
power-off)
Powered down (VCC = 1.5 V)
3
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
The algebraic convention in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
|VOD|
Differential output voltage magnitude
247
310
454
See Figure 2
mV
Change in differential output voltage magnitude between logic
∆|V
OD|
–50
50
states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
Change in steady-state common-mode output voltage between
∆V
OC(SS)
See Figure 3
–50
50
mV
logic states
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
IOS
Short-circuit output current
VO(Y) or VO(Z) = 0 V
–24
24
mA
IOS(D)
Differential short-circuit output current
VOD = 0 V
–12
12
mA
VOD = 600 mV
–1
1
IOZ
High-impedance output current
µA
VO = 0 V or VCC
–1
1
Co
Differential output capacitance
VI = 0.4 sin (4E6πt) + 0.5 V
3
pF
(1)
All typical values are at 25
°C and with a 3.3-V supply.
3


Similar Part No. - SN65LVDT122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT122 TI-SN65LVDT122 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122D TI-SN65LVDT122D Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDT122D TI-SN65LVDT122D Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122DG4 TI-SN65LVDT122DG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122DR TI-SN65LVDT122DR Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com