Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS122 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS122
Description  1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS122 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS122 Datasheet HTML 6Page - Texas Instruments SN65LVDS122 Datasheet HTML 7Page - Texas Instruments SN65LVDS122 Datasheet HTML 8Page - Texas Instruments SN65LVDS122 Datasheet HTML 9Page - Texas Instruments SN65LVDS122 Datasheet HTML 10Page - Texas Instruments SN65LVDS122 Datasheet HTML 11Page - Texas Instruments SN65LVDS122 Datasheet HTML 12Page - Texas Instruments SN65LVDS122 Datasheet HTML 13Page - Texas Instruments SN65LVDS122 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
VIC − Common-Mode Input Voltage − V
700
500
800
1000
900
600
VCC = 3.3 V
TA = 25°C
VID = 200 mV
f = 150 MHz
tPHL
tPLH
50
100
250
300
350
0
500
1000
1500
2000
f − Frequency − MHz
VCC = 3.3 V
TA = 25°C
VIC = 1.2 V
VID = 200 mV
Input = Clock
0
200
150
400
300
100
500
600
800
700
200
TA − Free Air Temperature − °C
−40 −20
0
20
40
60
80
100
0
VCC = 3.3 V
VID = 200 mV
f = 150 MHz
tPHL
tPLH
0
200
400
600
800
f − Frequency − MHz
10
0
15
25
20
5
30
VCC = 3.3 V
TA = 25°C
VIC = 400 mV
Input = Clock
VID = 0.5 V
VID = 0.3 V
VID = 0.8 V
0
400
800
1200
1600
Data Rate − Mbps
20
0
30
50
40
10
60
VCC = 3.3 V
TA = 25°C
VIC = 400 mV
Input = PRBS 223 −1
VID = 0.3 V
VID = 0.5 V
VID = 0.8 V
0
200
400
600
800
f − Frequency − MHz
10
0
15
25
20
5
30
VCC = 3.3 V
TA = 25°C
VIC = 1.2 V
Input = Clock
VID = 0.5 V
VID = 0.8 V
VID = 0.3 V
0
400
800
1200
1600
Data Rate − Mbps
20
0
30
50
40
10
60
VCC = 3.3 V
TA = 25°C
VIC = 1.2 V
Input = PRBS 223 −1
VID = 0.5 V
VID = 0.8 V
VID = 0.3 V
0
200
400
600
800
f − Frequency − MHz
10
0
15
25
20
5
30
VCC = 3.3 V
TA = 25°C
VIC = 2.8 V
Input = Clock
VID = 0.5 V
VID = 0.3 V
VID = 0.8 V
0
400
800
1200
1600
Data Rate − Mbps
20
0
30
50
40
10
60
VCC = 3.3 V
TA = 25°C
VIC = 2.8 V
Input = PRBS 223 −1
VID = 0.3 V
VID = 0.8 V
VID = 0.5 V
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
DIFFERENTIAL OUTPUT
DIFFERENTIAL PROPAGATION
DIFFERENTIAL PROPAGATION
VOLTAGE
DELAY
DELAY
vs
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
FREQUENCY
DATA RATE
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
DATA RATE
FREQUENCY
DATA RATE
Figure 13.
Figure 14.
Figure 15.
10


Similar Part No. - SN65LVDS122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122D TI-SN65LVDS122D Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS122D TI-SN65LVDS122D Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122DG4 TI-SN65LVDS122DG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com