Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C012AFNT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS370C012AFNT
Description  8-BIT MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C012AFNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS370C012AFNT Datasheet HTML 3Page - Texas Instruments TMS370C012AFNT Datasheet HTML 4Page - Texas Instruments TMS370C012AFNT Datasheet HTML 5Page - Texas Instruments TMS370C012AFNT Datasheet HTML 6Page - Texas Instruments TMS370C012AFNT Datasheet HTML 7Page - Texas Instruments TMS370C012AFNT Datasheet HTML 8Page - Texas Instruments TMS370C012AFNT Datasheet HTML 9Page - Texas Instruments TMS370C012AFNT Datasheet HTML 10Page - Texas Instruments TMS370C012AFNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
central processing unit (CPU) (continued)
status register (ST)
The ST monitors the operation of the instructions and contains the global interrupt-enable bits. The ST includes
four status bits (condition flags) and two interrupt-enable bits.
D
The four status bits indicate the outcome of the previous instruction; conditional instructions (for example,
the conditional-jump instructions) use the status bits to determine program flow.
D
The two interrupt-enable bits control the two interrupt levels.
The ST, status-bit notation, and status-bit definitions are shown in Table 3.
Table 3. Status Registers
7
6
5
4
3
2
1
0
C
N
Z
V
IE2
IE1
Reserved
Reserved
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R = read, W = write, 0 = value after reset
program counter (PC)
The contents of the PC point to the memory location of the next instruction to be executed. The PC consists
of two 8-bit registers in the CPU: the program counter high (PCH) and program counter low (PCL). These
registers contains the most significant byte (MSbyte) and least significant byte (LSbyte) of a 16-bit address.
During reset, the contents of the reset vector (7FFEh, 7FFFh) are loaded into the PC. The PCH (MSbyte of the
PC) is loaded with the contents of memory location 7FFEh, and the PCL (LSbyte of the PC) is loaded with the
contents of memory location 7FFFh. Figure 2 shows this operation using an example value of 6000h as the
contents of the reset vector.
Memory
Program Counter (PC)
60
00
PCH
PCL
60
00
0000h
7FFEh
7FFFh
Figure 2. Program Counter After Reset
memory map
The TMS370Cx1x architecture is based on the Von Neuman architecture, where the program memory and data
memory share a common address space. All peripheral input/output is memory mapped in this same common
address space. As shown in Figure 3, the TMS370Cx1x provides memory-mapped RAM, ROM, data EEPROM,
I/O pins, peripheral functions, and system-interrupt vectors.
The peripheral file contains all I/O port control, peripheral status and control, EEPROM, EPROM, and
system-wide control functions. The peripheral file is located between 1010h to 104Fh and is divided logically
into four peripheral file frames of 16 bytes each. Each on-chip peripheral is assigned to a separate frame through
which peripheral control and data information is passed.


Similar Part No. - TMS370C012AFNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C012AFNT TI1-TMS370C012AFNT Datasheet
663Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C012AFNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com