Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84259 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS84259
Description  4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84259 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS84259_14 Datasheet HTML 17Page - Texas Instruments TPS84259_14 Datasheet HTML 18Page - Texas Instruments TPS84259_14 Datasheet HTML 19Page - Texas Instruments TPS84259_14 Datasheet HTML 20Page - Texas Instruments TPS84259_14 Datasheet HTML 21Page - Texas Instruments TPS84259_14 Datasheet HTML 22Page - Texas Instruments TPS84259_14 Datasheet HTML 23Page - Texas Instruments TPS84259_14 Datasheet HTML 24Page - Texas Instruments TPS84259_14 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
VOUT
VIN
TPS84259
-VOUT
VIN
CIN
COUT
CIO
TPS84259
www.ti.com
SLVSBA0B – AUGUST 2012 – REVISED SEPT 2013
Input to Output Coupling Capacitor
Adding an input to output coupling capacitor (CIO) across VIN to VOUT as shown in Figure 48 can help reduce
output voltage ripple and improve transient response. A typical value for CIO is 2.2 µF ceramic with a voltage
rating greater than the sum of VIN + |VOUT|.
Figure 48. Input to Output Coupling Capacitor
Overcurrent Protection
For protection against load faults, the TPS84259 incorporates cycle-by-cycle current limiting. During an
overcurrent condition the output current is limited and the output voltage is reduced. If the output voltage drops
more than 25%, the switching frequency is lowered to reduce power dissipation within the device. When the
overcurrent condition is removed, the output voltage returns to the established voltage.
The TPS84259 is not designed to endure a sustained short circuit condition. The use of an output fuse, voltage
supervisor circuit, or other overcurrent protection circuit is recommended.
Thermal Shutdown
The internal thermal shutdown circuitry forces the device to stop switching if the junction temperature exceeds
180°C typically. The device reinitiates the power up sequence when the junction temperature drops below 165°C
typically.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS84259


Similar Part No. - TPS84259_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259RKGR TI-TPS84259RKGR Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGT TI-TPS84259RKGT Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
More results

Similar Description - TPS84259_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
[Old version datasheet]   4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
logo
Ericsson
BMR4613001 ERICSSON-BMR4613001 Datasheet
1Mb / 35P
   Input 4.5-14 V, Output up to 12 A / 60 W
logo
Texas Instruments
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com