Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB12LV26PZTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB12LV26PZTG4
Description  OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV26PZTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TSB12LV26PZTG4 Datasheet HTML 1Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 2Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 3Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 4Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 5Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB12LV26
TSB12LV26I
SLLA214 – JUNE 2006
OHCI-Lynx™ PCI-Based IEEE 1394 Host Controller
External cycle timer control for customized
synchronization
3.3-V and 5-V PCI bus signaling
PCI burst transfers and deep FIFOs to
3.3-V supply (core voltage is internally
tolerate large host latency
regulated to 1.8 V)
Two general-purpose I/Os
Serial bus data rates of 100M bits/s, 200M
bits/s, and 400M bits/s
Fabricated in advanced low-power CMOS
process
Physical write posting of up to three
outstanding transactions
Packaged in 100-terminal LQFP (PZT)
Serial ROM interface supports 2-wire devices
PCI_CLKRUN protocol
The Texas Instruments TSB12LV26 device is a PCI-to-1394 host controller compliant with the PCI Local Bus
Specification, PCI Bus Power Management Interface Specification, IEEE Std 1394-1995, and 1394 Open Host
Controller Interface Specification. The chip provides the IEEE 1394 link function and is compatible with 100M
bits/s, 200M bits/s, and 400M bits/s serial bus data rates.
As required by the 1394 Open Host Controller Interface Specification (OHCI) and IEEE Std 1394a-2000, internal
control registers are memory-mapped and nonprefetchable. The PCI configuration header is accessed through
configuration cycles specified by PCI and provides plug-and-play (PnP) compatibility. Furthermore, the
TSB12LV26 device is compliant with the PCI Bus Power Management Interface Specification, per the PC 99
Design Guide requirements. TSB12LV26 device supports the D0, D2, and D3 power states.
The TSB12LV26 design provides PCI bus master bursting and is capable of transferring a cacheline of data at
132M bytes/s after connection to the memory controller. Since PCI latency can be large, deep FIFOs are
provided to buffer 1394 data.
The TSB12LV26 device provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The TSB12LV26 device also provides multiple isochronous contexts, multiple cacheline burst
transfers, advanced internal arbitration, and bus-holding buffers on the PHY/link interface.
An advanced CMOS process achieves low power consumption and allows the TSB12LV26 device to operate at
PCI clock rates up to 33 MHz.
NOTE:
This product is for high-volume PC applications only. For a complete datasheet or
more information contact support@ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OHCI-Lynx is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB12LV26PZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26PZTG4 TI-TSB12LV26PZTG4 Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
More results

Similar Description - TSB12LV26PZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV23 TI-TSB12LV23 Datasheet
342Kb / 85P
[Old version datasheet]   TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com