Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV09A-2015F-A503 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTV09A-2015F-A503
Description  PTV09 Series - 9 mm Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV09A-2015F-A503 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTV09A-2015F-A503 Datasheet HTML 1Page - Bourns Electronic Solutions PTV09A-2015F-A503 Datasheet HTML 2Page - Bourns Electronic Solutions PTV09A-2015F-A503 Datasheet HTML 3Page - Bourns Electronic Solutions PTV09A-2015F-A503 Datasheet HTML 4Page - Bourns Electronic Solutions PTV09A-2015F-A503 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Mounting Hardware
PTV09 Series - 9 mm Potentiometer
Product Dimensions (Continued)
PTV09A-6
(Horizontal/Rear Mount
w/Metal Threaded Bushing)
SHAFT SHOWN IN CENTER POSITION
10.0
(.394)
5.5
(.216)
6.5
.256)
5.0
(.197)
2.0 ± 0.15
(.079 ± .006)
7.0 ± 0.3
(.276 ± .012)
5.9
(.232)
L ±
0.5
(.020)
M9 X
0.75
(.030)
3.5 ± 0.3
(.138 ± .012)
8.4
(.315)
5.0
(.197)
3.0 ± 0.3
(.118 ± .012)
1
2
3
0.8 +0/-0.1
(.031 +.000/-.004)
1.2 +0/-0.2
(.047 +.000/-.008)
11.4 +0/-0.5
(.055 +.000/-.020)
1.5
(.059)
PTV09A-7
(Vertical/Side Mount
w/Sleeve Bushing, 6.5 mm Height)
9.7
(.382)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
2.0
(.078)
3.3
(.129)
2.4
(.094)
6.8
(.267)
3.5
(.138)
6.5
(.256)
5.5
(.217)
F
L ±
0.5
(.020)
6.8
(.268)
4.5
(.177)
1.2
(.047)
PTV09A-8
(Vertical/Side Mount
w/Sleeve Bushing, 10 mm Height)
9.7
(.382)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
2.0
(.078)
3.3
(.129)
2.4
(.094)
3.5
(.138)
10.0
(.394)
5.5
(.217)
F
L ±
0.5
(.020)
6.8
(.268)
4.5
(.177)
1.2
(.047)
6.8
(.267)
DIMENSIONS:
MM
(INCHES)
M9 X
0.75
(.030)
THICKNESS
0.4
(.016)
DIA.
9.1 ± 0.3
(.358 ± .012)
DIA.
15.0 ± 1.0
(.591 ± .039)
2.0 ± 0.2
(.079 ± .008)
11.0 ± 0.5
(.433 ± .020)


Similar Part No. - PTV09A-2015F-A503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09A-2015F-A502 BOURNS-PTV09A-2015F-A502 Datasheet
208Kb / 2P
   9 mm Potentiometer
More results

Similar Description - PTV09A-2015F-A503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com