Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDTR1103CAP-0238J Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # SDTR1103CAP-0238J
Description  SMD Drop Resistant Transponder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SDTR1103CAP-0238J Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  SDTR1103CAP-0238J Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
SDTR1103CAP
SMD Drop Resistant Transponder
Characteristics
- High sensitivity. 75 mVpp/App/m for 7.2
mH (@125 kHz). 135 mVpp/App/m for
16.2 mH (@125 kHz).
- Mechanical performance. Drop test: more
than 500 times x 1 meter.
- CAP protection, 5 sides protected , high
reliability
with
Pick&Place
machines
warranted.
- Taped & Reel: 3000pcs / reel.
- Inductance values from 340μH to 16.2mH
for 125KHz operations (contact PREMO
RFID for inductance range for other
working frequencies such as 20KHz and
40KHz).
Applications
- Inmobilizers.
- Tire pressure monitoring systems.
- Keyless entry Systems.
- Industrial applications.
- Access control.
Dimensions
12.1x4.0x2.9mm MAX
(2.38mH-9mH)
Features
The SDTR1103CAP Series of Surface Mount
ferrite wound inductor is the best solution
when high electrical and mechanical
performance is needed. Its length and
cross sectional area are optimized to
achieve the maximum sensitivity in the coil
axis. The construction of the coil offer high
mechanical performance due to the plastic
base and ferrite laminate.
High stability in temperature, ranges:
∆Ls/Ls (-40ºC
25ºC): -2% max.
∆Ls/Ls (+25ºC
+85ºC): +0.5% max.
Typical temperature coef cient ∆Ls/ºC:
+200±50ppm/ºC.
-40ºC to +125ºC for TPMS applications.
-40ºC to +85ºC for Keyless Entry Systems.
All dimensions in mm
The specication chart is a reference guide for the most common required values at working frequencies of 125 kHz. Any
other inductance value at LF or tighter tolerances can be provided. Please contact our sales deparment for any inquiry.
Electrical specications
Code
L (mH)
Q min
SRF
(kHz) Min
DRC
(Ω) Max
Sensitivity
(mVpp/App/m) min
SDTR1103CAP-0238J
2.38
45
500
27.5
30
SDTR1103CAP-491J
4.91
36
380
68.2
50
SDTR1103CAP-720J
7.20
39.5
300
82.5
70
SDTR1103CAP-900J
9.00
40.1
300
92.4
80


Similar Part No. - SDTR1103CAP-0238J

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
SDTR1103 ECM-SDTR1103 Datasheet
113Kb / 2P
   Chip Transponder Inductors
logo
PREMO CORPORATION S.L
SDTR1103 PREMO-SDTR1103 Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
logo
DB Lectro Inc
SDTR1103 DBLECTRO-SDTR1103 Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
logo
PREMO CORPORATION S.L
SDTR1103-0041++ PREMO-SDTR1103-0041+ Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
SDTR1103-0049++ PREMO-SDTR1103-0049+ Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
More results

Similar Description - SDTR1103CAP-0238J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SDTR1103 PREMO-SDTR1103_14 Datasheet
2Mb / 1P
   SMD Drop Resistant Transponder Coil
logo
DB Lectro Inc
SDTR1103 DBLECTRO-SDTR1103 Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
logo
PREMO CORPORATION S.L
SDTR1103 PREMO-SDTR1103 Datasheet
367Kb / 2P
   SMD Drop Resistant Transponder Coil
logo
DB Lectro Inc
SDTR1503 DBLECTRO-SDTR1503 Datasheet
266Kb / 2P
   SMD Drop Resistant Transponder Coil
logo
PREMO CORPORATION S.L
SDTR1503 PREMO-SDTR1503 Datasheet
266Kb / 2P
   SMD Drop Resistant Transponder Coil
SDTR1103-HF1 PREMO-SDTR1103-HF1 Datasheet
116Kb / 1P
   SMD Drop Resistant Transponder Coil High Frequency
TP0702U PREMO-TP0702U_14 Datasheet
62Kb / 1P
   SMD Transponder Coil
logo
DB Lectro Inc
TOM1203 DBLECTRO-TOM1203 Datasheet
362Kb / 4P
   SMD Transponder Overmoulded
logo
PREMO CORPORATION S.L
TR1504 PREMO-TR1504 Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1102 PREMO-TR1102_14 Datasheet
129Kb / 1P
   SMD Ferrite Transponder Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com