Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB41AB1GQE Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB41AB1GQE
Description  IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB1GQE Datasheet(HTML) 1 Page - Texas Instruments

  TSB41AB1GQE Datasheet HTML 1Page - Texas Instruments TSB41AB1GQE Datasheet HTML 2Page - Texas Instruments TSB41AB1GQE Datasheet HTML 3Page - Texas Instruments TSB41AB1GQE Datasheet HTML 4Page - Texas Instruments TSB41AB1GQE Datasheet HTML 5Page - Texas Instruments TSB41AB1GQE Datasheet HTML 6Page - Texas Instruments TSB41AB1GQE Datasheet HTML 7Page - Texas Instruments TSB41AB1GQE Datasheet HTML 8Page - Texas Instruments TSB41AB1GQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Fully Supports Provisions of IEEE
1394-1995 Standard for High Performance
Serial Busand IEEE 1394a-2000
D Fully Interoperable With FireWire and
i.LINK
 Implementation of IEEE Std 1394
D Fully Compliant With OpenHCI
Requirements
D Provides One IEEE 1394a-2000 Fully
Compliant Cable Port at 100/200/400
Megabits Per Second (Mbits/s)
D Full IEEE 1394a-2000 Support Includes:
Connection Debounce, Arbitrated Short
Reset, Multispeed Concatenation,
Arbitration Acceleration, Fly-By
Concatenation, Port
Disable/Suspend/Resume
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit, and IEEE 1394a-2000
Features
D IEEE 1394a-2000 Compliant Common Mode
Noise Filter on Incoming TPBIAS
D Extended Resume Signaling for
Compatibility With Legacy DV Devices, and
Terminal- and Register-Compatibility With
TSB41LV01, Allow Direct Isochronous
Transmit to Legacy DV Devices With Any
Link Layer Even When Root
D Power-Down Features to Conserve Energy
in Battery Powered Applications Include:
Automatic Device Power Down During
Suspend, Device Power-Down Terminal,
Link Interface Disable via LPS, and Inactive
Ports Powered Down
D Failsafe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Port
to Ensure That the Device Does Not Load
TPBIAS of the Connected Device and
Blocks Any Leakage Path From the Port
Back to the Device Power Plane
D Software Device Reset (SWR)
D Industry Leading Low Power Consumption
D Ultralow-Power Sleep Mode
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Data Interface to Link-Layer Controller
Through 2/4/8 Parallel Lines at 49.152 MHz
D Interface to Link Layer Controller Supports
Low Cost TI Bus-Holder Isolation and
Optional Annex J Electrical Isolation
D Interoperable With Link-Layer Controllers
Using 3.3 V
D Single 3.3-V Supply Operation
D Low-Cost 24.576-MHz Crystal Provides
Transmit, Receive Data at 100/200/400
Mbits/s, and Link-Layer Controller Clock at
49.152 MHz
D Low-Cost High-Performance 48/64-Pin
TQFP (PHP/PAP) Thermally Enhanced
Packages Increase Thermal Performance
by up to 210%
D Meets Intel Mobile Power Guideline 2000
D Available in 80-Ball, MicroStar Junior
BGA (GQE) Package
D Available in 64-Ball, Pb-Free, MicroStar
Junior
 BGA (ZQE) Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
Copyright
 2000 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
FireWire is a trademark of Apple Computer, Incorporated.
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
Intel is a trademark of Intel Corporation.
Other trademarks are the property of their respective owners.
MicroStar Junior is a trademark of Texas Instruments Incorporated.


Similar Part No. - TSB41AB1GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB1GQE TI-TSB41AB1GQE Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
TSB41AB1GQE TI1-TSB41AB1GQE Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41AB1GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com