Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3299 Datasheet(PDF) 6 Page - NEC

Part # 2SK3299
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3299 Datasheet(HTML) 6 Page - NEC

  2SK3299 Datasheet HTML 1Page - NEC 2SK3299 Datasheet HTML 2Page - NEC 2SK3299 Datasheet HTML 3Page - NEC 2SK3299 Datasheet HTML 4Page - NEC 2SK3299 Datasheet HTML 5Page - NEC 2SK3299 Datasheet HTML 6Page - NEC 2SK3299 Datasheet HTML 7Page - NEC 2SK3299 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14060EJ1V0DS00
6
2SK3299
SINGLE AVALANCHE ENERGY vs.
INDUCTIVE LOAD
100
1m
10m
100
L - Inductive Load - H
1.0
10
0.1
10
µµ
RG = 25
VDD = 150 V
VGS = 20 V
0 V
Starting Tch = 25 ˚C
E
AS = 66.7
mJ
IAS = 10 A
SINGLE AVALANCHE ENERGY
DERATING FACTOR
75
150
125
Starting Tch - Starting Channel Temperature - ˚C
50
100
25
VDD = 150 V
RG = 25
VGS = 20 V
→0 V
IAS
≤ 10 A
0
20
40
60
80
100
120


Similar Part No. - 2SK3299

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3299 KEXIN-2SK3299 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3299 RENESAS-2SK3299 Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299-S RENESAS-2SK3299-S Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299-ZJ RENESAS-2SK3299-ZJ Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299B RENESAS-2SK3299B Datasheet
378Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3299

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com