Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV09A-4015U-B103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTV09A-4015U-B103
Description  PTV09 Series - 9 mm Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV09A-4015U-B103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTV09A-4015U-B103 Datasheet HTML 1Page - Bourns Electronic Solutions PTV09A-4015U-B103 Datasheet HTML 2Page - Bourns Electronic Solutions PTV09A-4015U-B103 Datasheet HTML 3Page - Bourns Electronic Solutions PTV09A-4015U-B103 Datasheet HTML 4Page - Bourns Electronic Solutions PTV09A-4015U-B103 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Carbon element
Insulated shaft
Wide variety of mounting styles
Center detent option
RoHS compliant*
PTV09 Series - 9 mm Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary
in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper...................................... Linear, audio
Standard Resistance Range
......................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.......±20 %
Residual Resistance
.......................500 ohms or ±1 % max.
Environmental Characteristics
Operating Temperature....-10 °C to +50 °C
Power Rating
(Linear and Audio)..................0.05 watt
Maximum Operating Voltage
(Linear and Audio)...... 20 VDC, 50 VAC
Sliding Noise ........................ 100 mV max.
Mechanical Characteristics
Mechanical Angle .....................280 ° ±10 °
Rotational Torque .............. 10 to 100 g-cm
Detent Torque ...................20 to 200 gf-cm
Stop Strength ....................... 2 kg-cm min.
Rotational Life ..................... 10,000 cycles
Soldering Condition
..............300 °C max. within 3 seconds
Hardware ............ One flat washer and one
hex nut supplied with bushing version
Product Dimensions
DIMENSIONS:
MM
(INCHES)
How To Order
PTV09A - 2 0 20 F - B 203
Model
Terminal Configuration
(Pin Layout)
1 = Horizontal/Rear Mount
w/Sleeve Bushing
2 = Vertical/Side Mount,
Bushingless,
10 mm Height
3 = Vertical/Side Mount,
Bushingless,
6.5 mm Height
4 = Horizontal/Rear Mount,
Bushingless
5 = Horizontal/Rear Mount
w/Plastic Plain Bushing
6 = Horizontal/Rear Mount
w/Metal Threaded
Bushing
7 = Vertical/Side Mount
w/Sleeve Bushing,
6.5 mm Height
8 = Vertical/Side Mount
w/Sleeve Bushing,
10 mm height
Option
0 =
No Detent
2 = Center
Standard Shaft Length
15 = 15 mm**
25 = 25 mm
20 = 20 mm
30 = 30 mm
Shaft Style
F = Flat Type Insulated Shaft
S = Insulated Knurled (18 Teeth)
U = Insulated Knurled (40 Teeth)
Resistance Taper
Taper Series followed by Curve Number
Resistance Code (See Table)
Other styles available.
** Bushingless version only.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
PTV09A-1
(Horizontal/Rear Mount w/Sleeve Bushing)
2.0
(.079)
7.0
(.276)
5.5
(.217)
6.8
(.268)
DIA.
F
L ±
0.5
(.020)
1.2
(.047)
3.8
(.150)
4.5
(.177)
6.8
(.268)
9.7
(.382)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
5.5
(.216)
1.5
(.059)
5.0
(.196)
11.4
(.449)
RECOMMENDED PCB LAYOUT
(HORIZONTAL/REAR MOUNT)
2 PLCS.
3 PLCS.
1.8
+0.2
-0.0
(.071
)
+0.008
-0.0
2 PLCS.
2.2
+0.2
-0.0
(.087
)
+0.008
-0.0
10.6
(.417)
5.0
(.197)
1.0
+0.2
-0.0
(.039
)
+0.008
-0.0
7.0
(.276)
12
3
1
2
3
2 PLCS.
RECOMMENDED PCB LAYOUT
(VERTICAL/SIDE MOUNT)
3 PLCS.
12
3
2.0
(.078)
3.3
(.129)
2.4
(.094)
6.8
(.267)
1.8
+0.2
-0.0
(.071
)
+0.008
-0.0
2 PLCS.
2.2
+0.2
-0.0
(.087
)
+0.008
-0.0
8.2
(.323)
5.0
(.197)
1.0
+0.2
-0.0
(.039
)
+0.008
-0.0
3.3
(.130)
PTV09A-2
(Vertical/Side Mount,
Bushingless, 10 mm Height)
3.8
(.150)
10.0
(.394)
5.5
(.217)
F
L ±
0.5
(.020)
1.2
(.047)
0.8
(.031)
9.7
(.382)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
Schematic


Similar Part No. - PTV09A-4015U-B103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09A-4015U-B102 BOURNS-PTV09A-4015U-B102 Datasheet
208Kb / 2P
   9 mm Potentiometer
More results

Similar Description - PTV09A-4015U-B103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com