Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28600DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600DR
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600DR Datasheet(HTML) 1 Page - Texas Instruments

  UCC28600DR Datasheet HTML 1Page - Texas Instruments UCC28600DR Datasheet HTML 2Page - Texas Instruments UCC28600DR Datasheet HTML 3Page - Texas Instruments UCC28600DR Datasheet HTML 4Page - Texas Instruments UCC28600DR Datasheet HTML 5Page - Texas Instruments UCC28600DR Datasheet HTML 6Page - Texas Instruments UCC28600DR Datasheet HTML 7Page - Texas Instruments UCC28600DR Datasheet HTML 8Page - Texas Instruments UCC28600DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
2
3
4
8
7
6
5
VCC
DRV
GND
ZCD
VO_SNS
COMP
MULTIN
CS
UCC28051
C
BULK
1
2
3
4
8
7
6
5
STATUS
OVP
VDD
OUT
SS
FB
CS
GND
UCC28600
C
SS
C
BP
R
PL
R
SU
R
CS
C
VDD
Primary
Secondary
TL431
Feedback
R
OVP2
R
OVP1
18 V
C
B
N
P
N
S
N
B
M
1
UCC28600
www.ti.com
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
8-Pin Quasi-Resonant Flyback Green-Mode Controller
Check for Samples: UCC28600
1
FEATURES
APPLICATIONS
2
Green-Mode Controller With Advanced Energy
Bias Supplies for LCD-Monitors, LCD-TV,
Saving Features
PDP-TV, and Set Top Boxes
Quasi-Resonant Mode Operation for Reduced
AC/DC Adapters and Offline Battery Chargers
EMI and Low Switching Losses (Low Voltage
Energy Efficient Power Supplies up to 200 W
Switching)
Low Standby Current for System No-Load
DESCRIPTION
Power Consumption
The UCC28600 is a PWM controller with advanced
Low Startup Current: 25
μA Maximum
energy features to meet stringent world-wide energy
efficiency requirements.
Programmable Overvoltage Protection, Line
and Load
UCC28600
integrates
built-in
advanced
energy
Internal Overtemperature Protection
saving features with high level protection features to
Current Limit Protection
provide cost effective solutions for energy efficient
power supplies. UCC28600 incorporates frequency
– Cycle-by-Cycle Power Limit
fold back and green mode operation to reduce the
– Primary-Side Overcurrent Hiccup Restart
operation frequency at light load and no load
Mode
operations.
1-A Sink TrueDrive
™, -0.75-A Source Gate
UCC28600 is offered in the 8-pin SOIC (D) package.
Drive Output
Operating junction temperature range is -40
°C to
Programmable Soft-Start
105
°C.
Green-Mode Status Pin (PFC Disable Function)
.
.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TrueDrive is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600DR TI1-UCC28600DR Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DRG4 TI1-UCC28600DRG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com