Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1889 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC1889
Description  Transformerless Off-line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1889 Datasheet(HTML) 4 Page - Texas Instruments

  UCC1889 Datasheet HTML 1Page - Texas Instruments UCC1889 Datasheet HTML 2Page - Texas Instruments UCC1889 Datasheet HTML 3Page - Texas Instruments UCC1889 Datasheet HTML 4Page - Texas Instruments UCC1889 Datasheet HTML 5Page - Texas Instruments UCC1889 Datasheet HTML 6Page - Texas Instruments UCC1889 Datasheet HTML 7Page - Texas Instruments UCC1889 Datasheet HTML 8Page - Texas Instruments UCC1889 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADJ: The ADJ pin is used to provide a 12V or an 18V
regulated supply without additional external components.
To select the 12V option, ADJ pin is left open. To select
the 18V option, ADJ pin must be grounded. For other out-
put voltages less than 18V, a resistor divider between
VOUT, ADJ and GND is needed. Note, however, that for
output voltages less than VCC, the device needs addi-
tional bootstrapping to VCC from an external source such
as the line voltage. If so, precautions must be taken to
ensure that total ICC does not exceed 5mA.
CT (timing capacitor): The signal voltage across CT has
a peak-to-peak swing of 3.7V for 9V VCC. As the voltage
on CT crosses the oscillator upper threshold, DRIVE goes
low. As the voltage on CT crosses the oscillator lower
threshold, DRIVE goes high.
DRIVE: This output is a CMOS stage capable of sinking
200mA peak and sourcing 150mA peak. The output volt-
age swing is 0 to VCC.
GND (chip ground): All voltages are measured with re-
spect to GND.
TOFF (regulated output control): TOFF sets the dis-
charge current of the timing capacitor through an external
resistor connected between VOUT and TOFF.
TON (line voltage control): TON serves three functions.
When CT is discharging (off time), the current through
TON is routed to VCC. When CT is charging (on time), the
current through TON is split 80% to set the CT charge
time and 20% to sense minimum line voltage which oc-
curs for a TON current of 220
µA. For a minimum line volt-
age of 80V, RON is 330k
Ω.
The CT voltage slightly affects the value of the charge
current during the on time. During this time, the voltage at
the TON pin increases from approximately 2.5V to 6.5V.
VCC (chip supply voltage): The supply voltage of the
device at pin VCC is internally clamped at 9V. Normally,
VCC is not directly powered from an external voltage
source such as the line voltage. In the event that VCC is
directly connected to a voltage source for additional boot-
strapping, precautions must be taken to ensure that total
ICC does not exceed 5mA.
VOUT (regulated output): The VOUT pin is directly con-
nected to the power supply output voltage. When VOUT is
greater than VCC, VOUT bootstraps VCC.
UCC1889
UCC2889
UCC3889
PIN DESCRIPTIONS
BLOCK DIAGRAM
UDG-93064-2
4


Similar Part No. - UCC1889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
More results

Similar Description - UCC1889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6001N2N ETC1-MBI6001N2N Datasheet
164Kb / 5P
   Transformerless AC/DC Constant Current Driver
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
New Jersey Semi-Conduct...
2N6922A NJSEMI-2N6922A Datasheet
218Kb / 2P
   OFF-LINE POWER SUPPLIES
logo
List of Unclassifed Man...
MBI6001 ETC1-MBI6001 Datasheet
197Kb / 6P
   TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
logo
STMicroelectronics
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
   Off-line high voltage converters
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com