Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28600D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600D
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600D Datasheet(HTML) 4 Page - Texas Instruments

  UCC28600D Datasheet HTML 1Page - Texas Instruments UCC28600D Datasheet HTML 2Page - Texas Instruments UCC28600D Datasheet HTML 3Page - Texas Instruments UCC28600D Datasheet HTML 4Page - Texas Instruments UCC28600D Datasheet HTML 5Page - Texas Instruments UCC28600D Datasheet HTML 6Page - Texas Instruments UCC28600D Datasheet HTML 7Page - Texas Instruments UCC28600D Datasheet HTML 8Page - Texas Instruments UCC28600D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
UCC28600
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 15 V, 0.1-
μF capacitor from VDD to GND, 3.3-nF capacitor from SS to GND charged over 3.5 V, 500-Ω resistor from
OVP to -0.1 V, FB = 4.8 V, STATUS = not connected, 1-nF capacitor from OUT to GND, CS = GND, TA = -40°C to 105°C,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense (CS)(2)
ACS(FB)
Gain, FB =
ΔVFB / ΔVCS
QR mode
2.5
V/V
Shutdown threshold
VFB = 2.4 V, VSS = 0 V
1.13
1.25
1.38
V
CS to output delay time (power limit)
CS = 1.0 VPULSE
100
175
300
ns
CS to output delay time (over current
CS = 1.45 VPULSE
50
100
150
fault)
CS discharge impedance
CS = 0.1 V, VSS = 0 V
25
115
250
VCS(os)
CS offset
SS mode, VSS ≤ 2.0 V, via FB
0.35
0.40
0.45
V
Power Limit (PL)(2)
IPL(cs)
CS current
OVP = -300
μA
-165
-150
-135
μA
CS working range
QR mode, peak CS voltage
0.70
0.81
0.92
V
VPL
PL threshold
Peak CS voltage + CS offset
1.05
1.20
1.37
Soft Start (SS)
ISS(chg)
Softstart charge current
VSS = GND
-8.3
-6.0
-4.5
μA
ISS(dis)
Softstart discharge current
VSS = 0.5 V
2.0
5.0
10
mA
VSS
Switching ON threshold
Output switching start
0.8
1.0
1.2
V
Overvoltage Protection (OVP)
IOVP(line)
Line overvoltage protection
IOVP threshold, OUT = HI
-512
-450
-370
μA
VFB = 4.8 V, VSS = 5.0 V, IOVP(on), = -300
VOVP(on)
OVP voltage at OUT = HIGH
-125
-25
mV
μA
VOVP(load)
Load overvoltage protection
VOVP threshold, OUT = LO
3.37
3.75
4.13
V
Thermal Protection (TSP)
Thermal shutdown (TSP) temperature(3)
130
140
150
°C
Thermal shutdown hysteresis
15
OUT
tRISE
Rise time
10% to 90% of 13 V typical out clamp
50
75
ns
tFALL
Fall time
10
20
(2)
RSCT and CCST are not connected in the circuit for maximum and minimum duty cycle tests, current sense tests and power limit tests.
(3)
Ensured by design. Not production tested.
4
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - UCC28600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600D TI1-UCC28600D Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DG4 TI1-UCC28600DG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DR TI1-UCC28600DR Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DRG4 TI1-UCC28600DRG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com