Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS181216V110 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PTS181216V110
Description  6-60 Volt DC Surface Mount, PolyTron PTC Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTS181216V110 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PTS181216V110 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTS181216V110 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTS181216V110 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTS181216V110 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-60 Volt DC Surface Mount, PolyTron™ PTC Devices
PolyTron
PTS1812 Series
0413
BU-SB13507
Page 1 of 4
Data Sheet 4398
1812 Surface Mount Device
Description
• PolyTron™ surface mount PTC device
• 6 to 60 volts
• Current ratings from 0.1 to 3.0 amps
• Fast time-to-trip
• Low resistance
• Halogen free
• Lead free
• RoHS compliant
Notes:
Ihold – Hold current: Maximum current device will pass without interruption in 23°C still air.
Itrip – Trip current: Minimum current that will switch the device from low resistance to high resistance in 23°C still air.
Vmax: Maximum continuous voltage device can withstand without damage at rated current.
Imax: Maximum fault current device can withstand without damage at rated voltage.
Pd: Power dissipated from device when in the tripped state in 23°C still air.
Ri (min.): Minimum resistance of device as supplied at 23°C unless otherwise specified.
R1(max.): Maximum resistance of device when measured one hour post reflow (SMD) or one hour post trip (radial-leaded device) at 23°C unless otherwise specified.
Agency Information
• cURus: Recognized Card: File E343021 (Ihold 0.1-3.0A)
• TUV File: R 50192872
Part Number System/Ordering
PT
S 1812
8V
110
PolyTron™ PTC Device Series
Surface Mount
Dimension Code
Maximum Voltage
Current Holding (Ihold)
Tape and Reel Packaging/Quantities
• PTS181216V035, PTS181216V050, PTS181213V075,
PTS18128V110, PTS18126V125, PTS18128V150,
PTS18128V160, PTS18128V200 - 2000 PTC devices per reel
• All Others - 1000 PTC devices per reel
Applications
• Medical equipment
• White goods
• Telecommunications
• Computers and peripherals
• Rechargeable battery packs
HALOGEN
HF
FREE
Pb
Specifications
Mark
Ihold
Itrip
Pd
Resistance (W)
Agency
Catalog
On
Vmax
Imax
@23°C
@23°C
Typ.
Time to Trip (Max.) Initial (Ri)
Post Trip (R1)
Information
Number
Part
(Vdc)
(Amps)
(Amps)
(Amps)
(W)
(Amps)
(Sec)
Min.
Max.
cURus TUV
PTS181230V010
T010
30
100
0.10
0.30
0.8
0.5
1.5
1.6
15
XX
PTS181260V014
T014
60
10
0.14
0.34
0.8
1.5
0.15
1.5
6X
X
PTS181230V020
T020
30
100
0.20
0.40
0.8
8
0.02
0.8
5X
X
PTS181216V035
T035
16
100
0.35
0.70
0.8
8
0.1
0.32
1.5
XX
PTS181216V050
T050
16
100
0.50
1.00
0.8
8
0.15
0.15
1X
X
PTS181213V075
T075
13.2
100
0.75
1.50
0.8
8
0.2
0.11
0.45
XX
PTS181224V075
T075 24
24
100
0.75
1.50
0.8
8
0.2
0.11
0.4
XX
PTS181233V075
T075 33
33
20
0.75
1.50
0.8
8
0.2
0.11
0.4
XX
PTS18128V110
T110
8
100
1.10
2.20
0.8
8
0.3
0.04
0.21
XX
PTS181216V110
T110 16
16
100
1.10
2.20
0.8
8
0.5
0.06
0.18
XX
PTS181224V110
T110 24
24
20
1.10
2.20
0.8
8
0.5
0.06
0.2
XX
PTS18126V125
T125
6
100
1.25
2.50
0.8
8
0.4
0.05
0.14
XX
PTS181216V125
T125 16
16
100
1.25
2.50
0.8
8
0.4
0.05
0.14
XX
PTS18128V150
T150
8
100
1.50
3.00
0.9
8
0.3
0.04
0.11
XX
PTS181212V150
T150 12
12
100
1.50
3.00
0.9
8
0.5
0.04
0.11
XX
PTS181224V150
T150 24
24
20
1.50
3.00
0.9
8
1.5
0.04
0.12
XX
PTS18128V160
T160
8
100
1.60
3.20
0.8
8
1.0
0.03
0.1
XX
PTS18128V200
T200
8
100
2.00
3.50
1.2
8
2.0
0.02
0.06
XX
PTS18126V260
T260
6
100
2.60
5.00
1.2
8
2.5
0.015
0.047
XX
PTS18126V300
T300
6
100
3.00
5.00
1.2
8
4.0
0.012
0.04
XX


Similar Part No. - PTS181216V110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS181216V110 COOPER-PTS181216V110 Datasheet
680Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS181216V110 EATON-PTS181216V110 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
More results

Similar Description - PTS181216V110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
logo
Eaton All Rights Reserv...
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR060V0010 COOPER-PTR060V0010 Datasheet
478Kb / 4P
   60 Volt DC Radial Leaded, PolyTron??PTC Devices
PTS120660V005 COOPER-PTS120660V005_15 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS181230V010 COOPER-PTS181230V010_15 Datasheet
680Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS1206 EATON-PTS1206 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS1812 EATON-PTS1812 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTR030V EATON-PTR030V Datasheet
458Kb / 4P
   30 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR016V0090 COOPER-PTR016V0090 Datasheet
496Kb / 4P
   16 Volt DC Radial Leaded, PolyTron??PTC Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com