Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYT4313 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LYT4313
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4313 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LYT4313 Datasheet HTML 7Page - Power Integrations, Inc. LYT4313 Datasheet HTML 8Page - Power Integrations, Inc. LYT4313 Datasheet HTML 9Page - Power Integrations, Inc. LYT4313 Datasheet HTML 10Page - Power Integrations, Inc. LYT4313 Datasheet HTML 11Page - Power Integrations, Inc. LYT4313 Datasheet HTML 12Page - Power Integrations, Inc. LYT4313 Datasheet HTML 13Page - Power Integrations, Inc. LYT4313 Datasheet HTML 14Page - Power Integrations, Inc. LYT4313 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. B 02/13
11
LYT4211-4218/4311-4318
www.powerint.com
Audible Noise Considerations for Use with
Leading Edge Dimmers
Noise created when dimming is typically created by the input
capacitors, EMI filter inductors and the transformer. The input
capacitors and inductors experience high di/dt and dv/dt every
AC half-cycle as the TRIAC fires and an inrush current flows to
charge the input capacitance. Noise can be minimized by
selecting film vs. ceramic capacitors, minimizing the capacitor
value and selecting inductors that are physically short and wide.
The transformer may also create noise which can be minimized
by avoiding cores with long narrow legs (high mechanical
resonant frequency). For example, RM cores produce less
audible noise than EE cores for the same flux density. Reducing
the core flux density will also reduce the noise. Reducing the
maximum flux density (BM) to 1500 Gauss usually eliminates
any audible noise but must be balanced with the increased core
size needed for a given output power.
Thermal and Lifetime Considerations
Lighting applications present thermal challenges to the driver.
In many cases the LED load dissipation determines the working
ambient temperature experienced by the drive so thermal
evaluation should be performed with the driver inside the final
enclosure. Temperature has a direct impact on driver and LED
lifetime. For every 10 °C rise in temperature, component life is
reduced by a factor of 2. Therefore it is important to properly
heat sink and to verify the operating temperatures of all devices.
Layout Considerations
Primary-Side Connections
Use a single point (Kelvin) connection at the negative terminal of
the input filter capacitor for the SOURCE pin and bias returns.
This improves surge capabilities by returning surge currents
from the bias winding directly to the input filter capacitor. The
BYPASS pin capacitor should be located as close to the
BYPASS pin and connected as close to the SOURCE pin as
possible. The SOURCE pin trace should not be shared with the
main power FET switching currents. All FEEDBACK pin
components that connect to the SOURCE pin should follow the
same rules as the BYPASS pin capacitor. It is critical that the
main power FET switching currents return to the bulk capacitor
with the shortest path as possible. Long high current paths
create excessive conducted and radiated noise.
Secondary-Side Connections
The output rectifier and output filter capacitor should be as
close as possible. The transformer’s output return pin should
have a short trace to the return side of the output filter capacitor.
Figure 13. DER-350 25 W Layout Example, Top Silk / Bottom Layer.
PI-6904-101612
Output
Capacitors
VOLTAGE MONITOR Pin
Resistor
FEEDBACK Pin
Resistor
REFERENCE Pin
Resistor
Input EMI Filter
LYT4317EG
Bullk
Capacitor
Clamp Transformer Output
Diode
Output
Capacitor
BYPASS Pin
Capacitor


Similar Part No. - LYT4313

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4311-LYT4318 POWERINT-LYT4311-LYT4318 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
More results

Similar Description - LYT4313

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com