Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28701 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28701
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28701 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28701 Datasheet HTML 7Page - Texas Instruments UCC28701 Datasheet HTML 8Page - Texas Instruments UCC28701 Datasheet HTML 9Page - Texas Instruments UCC28701 Datasheet HTML 10Page - Texas Instruments UCC28701 Datasheet HTML 11Page - Texas Instruments UCC28701 Datasheet HTML 12Page - Texas Instruments UCC28701 Datasheet HTML 13Page - Texas Instruments UCC28701 Datasheet HTML 14Page - Texas Instruments UCC28701 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
875
900
925
950
975
1000
1025
1050
1075
1100
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G007
20
22
24
26
28
30
32
34
−25
0
25
50
75
100
125
TJ − Temperature (°C)
VDRV = 8 V, VVDD = 9 V
G008
230
235
240
245
250
255
260
265
270
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G005
310
315
320
325
330
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G006
UCC28700, UCC28701
UCC28702, UCC28703
www.ti.com
SLUSB41 – JULY 2012
TYPICAL CHARACTERISTICS (continued)
At VDD = 25 V, unless otherwise noted.
Figure 5. Minimum CS Threshold Voltage vs. Temperature
Figure 6. Constant-Current Regulating Level vs.
Temperature
Figure 7. Minimum Switching Frequency vs. Temperature
Figure 8. DRV Source Current vs. Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28700, UCC28701 UCC28702, UCC28703


Similar Part No. - UCC28701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28701 TI1-UCC28701 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28701 TI-UCC28701 Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28701DBVR TI1-UCC28701DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28701DBVR TI-UCC28701DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28701DBVT TI1-UCC28701DBVT Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com