Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-0601 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTV-0601
Description  LTV-0601(Preliminary Version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-0601 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTV-0601 Datasheet HTML 5Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 6Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 7Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 8Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 9Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 10Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 11Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 12Page - Lite-On Technology Corporation LTV-0601 Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Photocouplers
LTV-0601(Preliminary version)
BNC-OD-C131/A4
Created Date : 9/18/2009
Revison : 12/5/2011
6. ISOLATION CHARACTERISTIC
Specified over recommended temperature (TA = -40
oC to +85oC) unless otherwise specified. Typical values applies to T
A = 25
oC
Notes
1. A 0.1µF or bigger bypass capacitor for VCC is needed as shown in Fig.1
2. Peaking driving circuit may be used to speed up the LED. The peak drive current of LED may go up to 50mA and maximum
pulse width 50ns, as long as average current doesn’t exceed 20mA.
3. tPLH (propagation delay) is measured from the 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising
edge of the output pulse.
4. tPHL (propagation delay) is measured from the 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling
edge of the output pulse.
5. The tELH enable propagation delay is measured from the 1.5 V point on the falling edge of the enable input pulse to the 1.5 V
point on the rising edge of the output pulse.
6. The tEHL enable propagation delay is measured from the 1.5 V point on the rising edge of the enable input pulse to the 1.5 V
point on the falling edge of the output pulse.
7. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state
(i.e., VO > 2.0 V).
8. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state
(i.e., VO < 0.8 V).
9. No external pull up is required for a high logic state on the enable input. If the enable pin is not used, tying it to VCC.
10. Device is considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
11. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage 3000 V rms for one second
(leakage current less than 5 uA). This test is performed before the 100% production test for partial discharge
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Note
Input-Output Insulation Leakage
Current
II-O
1.0
µA
45% RH, t = 5s,
VI-O = 3kV DC, TA =25
oC
10,11
Withstand Insulation Test
Voltage
VISO
3750
VRMS
RH ≤ 50%, t = 1min,
TA = 25
oC
10,11,12
Input-Output Resistance
RI-O
10
12
VI-O = 500V DC
10
Input-Output Capacitance
CI-O
1.0
p
f = 1MHz, TA = 25
oC
10


Similar Part No. - LTV-0601

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-0501 LITEON-LTV-0501 Datasheet
566Kb / 13P
   Photocouplers
LTV-0701 LITEON-LTV-0701 Datasheet
460Kb / 13P
   Photocouplers
More results

Similar Description - LTV-0601

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-357T LITEON-LTV-357T Datasheet
182Kb / 9P
   LTV-357T
logo
E-CMOS Corporation
EC4218 E-CMOS-EC4218 Datasheet
498Kb / 5P
   Linear LED Driver (Preliminary Version)
EC4219 E-CMOS-EC4219 Datasheet
672Kb / 6P
   Linear LED Driver (Preliminary Version)
logo
OSRAM GmbH
SFH5701 OSRAM-SFH5701 Datasheet
450Kb / 12P
   Ambient Light Sensor Preliminary Version 0.2
logo
Laird Tech Smart Techno...
SDC-EC25N LSTD-SDC-EC25N Datasheet
942Kb / 17P
   Preliminary version of the EC25N HIG
logo
Cooper Bussmann, Inc.
PS04LTVA1 COOPER-PS04LTVA1 Datasheet
333Kb / 2P
   PS04LTVA1 ESD Suppressor PolySurg??LTV Series
logo
E-CMOS Corporation
EC4220 E-CMOS-EC4220 Datasheet
210Kb / 5P
   High power factor linear constant current LED driver (Preliminary Version)
logo
Tontek Design Technolog...
TTP259 TONTEK-TTP259 Datasheet
587Kb / 81P
   Preliminary
logo
GOOD-ARK Electronics
SSF5510G GOOD-ARK-SSF5510G Datasheet
482Kb / 4P
   Preliminary
SSF5510G GOOD-ARK-SSF5510G_15 Datasheet
482Kb / 4P
   Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com