Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3298 Datasheet(PDF) 5 Page - NEC

Part # 2SK3298
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3298 Datasheet(HTML) 5 Page - NEC

  2SK3298 Datasheet HTML 1Page - NEC 2SK3298 Datasheet HTML 2Page - NEC 2SK3298 Datasheet HTML 3Page - NEC 2SK3298 Datasheet HTML 4Page - NEC 2SK3298 Datasheet HTML 5Page - NEC 2SK3298 Datasheet HTML 6Page - NEC 2SK3298 Datasheet HTML 7Page - NEC 2SK3298 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14059EJ1V0DS00
5
2SK3298
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
040
20
60
100
140
80
120
160
100
80
60
40
20
0
TC - Case Temperature - ˚C
0
0
80
20
40
60
100
140
120
160
40
30
20
10
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
FORWARD BIAS SAFE OPERATING AREA
10
100
1000
1
VDS - Drain to Source Voltage - V
100
10
1
0.1
Po
wer
Dissipation
Limited
100
µs
10
ms
30
ms
1 ms
3 ms
100
ms
PW
=10
µs
R
DS(on)
Limited
ID(pulse)
ID(DC)
TC = 25˚C
Single Pulse
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
100 m
1
10
100
1000
10 m
1 m
100
µ
10
µ
100
10
1
0.1
0.01
Rth(ch-A) = 62.5 ˚C/W
Rth(ch-C) = 3.13 ˚C/W
Single Pulse


Similar Part No. - 2SK3298

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3298 RENESAS-2SK3298 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3298B RENESAS-2SK3298B Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3298B-S17-AY RENESAS-2SK3298B-S17-AY Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3298

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com