Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3298 Datasheet(PDF) 3 Page - NEC

Part # 2SK3298
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3298 Datasheet(HTML) 3 Page - NEC

  2SK3298 Datasheet HTML 1Page - NEC 2SK3298 Datasheet HTML 2Page - NEC 2SK3298 Datasheet HTML 3Page - NEC 2SK3298 Datasheet HTML 4Page - NEC 2SK3298 Datasheet HTML 5Page - NEC 2SK3298 Datasheet HTML 6Page - NEC 2SK3298 Datasheet HTML 7Page - NEC 2SK3298 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14059EJ1V0DS00
3
2SK3298
TYPICAL CHARACTERISTICS (TA = 25 °C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
40
20
30
5
15
20
10
0
0
25
30
6.0 V
VGS = 10 V
8.0 V
Pulsed
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
15
10
5
0
100
10
1.0
0.1
0
VDS = 10 V
Pulsed
Tch = 75˚C
125˚C
Tch = –25˚C
25˚C
GATE TO SOURCE CUT-OFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
–50
0
50
100
150
5.0
4.0
3.0
2.0
1.0
0
VDS = 10 V
ID = 1 mA
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1.0
10
100
ID - Drain Current - A
10
100
0.1
1.0
0.1
VDS = 10 V
Pulsed
Tch = 25˚C
25˚C
75˚C
125˚C
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
15
2.0
3.0
VGS - Gate to Source Voltage - V
1.0
0
510
0
ID = 7.5 A
4.0 A
Pulsed
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
10
100
ID - Drain Current - A
3.0
4.0
0
0
1.0
2.0
20 V
VGS = 10 V
5


Similar Part No. - 2SK3298

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3298 RENESAS-2SK3298 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3298B RENESAS-2SK3298B Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3298B-S17-AY RENESAS-2SK3298B-S17-AY Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3298

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com