Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28713 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28713 Datasheet HTML 1Page - Texas Instruments UCC28713 Datasheet HTML 2Page - Texas Instruments UCC28713 Datasheet HTML 3Page - Texas Instruments UCC28713 Datasheet HTML 4Page - Texas Instruments UCC28713 Datasheet HTML 5Page - Texas Instruments UCC28713 Datasheet HTML 6Page - Texas Instruments UCC28713 Datasheet HTML 7Page - Texas Instruments UCC28713 Datasheet HTML 8Page - Texas Instruments UCC28713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
www.ti.com
SLUSB86 – NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VVDD = 25 V, HV = open, RCBC(NTC) = open, TA = -40°C to 125°C, TA = TJ
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PROTECTION
VOVP
Over-voltage threshold
At VS input, TJ = 25°C
(2)
4.55
4.60
4.71
V
VOCP
Over-current threshold
At CS input
1.4
1.5
1.6
IVSL(run)
VS line-sense run current
Current out of VS pin increasing
190
225
275
µA
IVSL(stop)
VS line-sense stop current
Current out of VS pin decreasing
70
80
100
KVSL
VS line sense ratio
IVSL(run) / IVSL(stop)
2.45
2.80
3.05
A/A
TJ(stop)
Thermal shut-down temperature
Internal junction temperature
165
°C
CABLE COMPENSATION
UCC28710
Cable compensation maximum
VCBC(max)
Voltage at CBC at full load
UCC28714
2.9
3.2
3.5
V
voltage
UCC28715
UCC28710
VCBC = open, change in VS
VCVS(min)
Compensation at VS
UCC28714
-55
-15
25
regulating level at full load
UCC28715
mV
UCC28710
VCBC = 0 V, change in VS regulating
VCVS(max) Maximum compensation at VS
UCC28714
275
320
375
level at full load
UCC28715
UCC28711
-55
-15
25
Change in VS regulating level at full
VCVS
Compensation at VS
UCC28712
103
mV
load
UCC28713
206
NTC INPUT
UCC28711
Fault UVLO cycle when below this
VNTCTH
NTC shut-down threshold
UCC28712
0.90
0.95
1.00
V
threshold
UCC28713
UCC28711
INTC
NTC pull-up current
Current out of pin
UCC28712
90
105
125
µA
UCC28713
(2)
The regulating level at VS decreases with temperature by 0.8 mV/
˚C. This compensation is included to reduce the power supply output
voltage variance over temperature.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28713 TI-UCC28713 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28713 TI1-UCC28713 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713D TI1-UCC28713D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713DR TI1-UCC28713DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com