Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6752AAZA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6752AAZA
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6752AAZA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6752AAZA Datasheet HTML 7Page - Intersil Corporation ISL6752AAZA Datasheet HTML 8Page - Intersil Corporation ISL6752AAZA Datasheet HTML 9Page - Intersil Corporation ISL6752AAZA Datasheet HTML 10Page - Intersil Corporation ISL6752AAZA Datasheet HTML 11Page - Intersil Corporation ISL6752AAZA Datasheet HTML 12Page - Intersil Corporation ISL6752AAZA Datasheet HTML 13Page - Intersil Corporation ISL6752AAZA Datasheet HTML 14Page - Intersil Corporation ISL6752AAZA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN9181.3
October 31, 2008
Since the peak current limit threshold is 1.00V, the total
current feedback signal plus the external ramp voltage must
sum to this value.
Substituting Equations 13 and 14 into Equation 15 and
solving for RCS yields Equation 16:
For simplicity, idealized components have been used for this
discussion, but the effect of magnetizing inductance must be
considered when determining the amount of external ramp
to add. Magnetizing inductance provides a degree of slope
compensation to the current feedback signal and reduces
the amount of external ramp required. The magnetizing
inductance adds primary current in excess of what is
reflected from the inductor current in the secondary.
where VIN is the input voltage that corresponds to the duty
cycle D and Lm is the primary magnetizing inductance. The
effect of the magnetizing current at the current sense
resistor, RCS, is expressed in Equation 18:
If
ΔVCS is greater than or equal to Ve, then no additional slope
compensation is needed and RCS becomes Equation 19:
If
ΔVCS is less than Ve, then Equation 16 is still valid for the
value of RCS, but the amount of slope compensation added
by the external ramp must be reduced by
ΔVCS.
Adding slope compensation may be accomplished in the
ISL6752 using the CTBUF signal. CTBUF is an amplified
representation of the sawtooth signal that appears on the CT
pin. It is offset from ground by 0.4V and is 2x the peak-to-peak
amplitude of CT (0.4V to 4.4V). A typical application sums this
signal with the current sense feedback and applies the result
to the CS pin, as shown in Figure 6.
Assuming the designer has selected values for the RC filter
placed on the CS pin, the value of R9 required to add the
appropriate external ramp can be found by superposition.
Rearranging to solve for R9 yields Equation 21:
The value of RCS determined in Equation 16 must be
rescaled so that the current sense signal presented at the
CS pin is that predicted by Equation 14. The divider created
by R6 and R9 makes this necessary.
Example:
VIN = 280V
VO = 12V
LO = 2.0µH
Np/Ns = 20
Lm = 2mH
IO = 55A
Oscillator Frequency, FSW = 400kHz
Duty Cycle, D = 85.7%
NCT = 50
R6 = 499
Ω
Solve for the current sense resistor, RCS, using Equation 16.
RCS = 15.1Ω.
V
e
V
CS
+
1
=
(EQ. 15)
R
CS
N
P NCT
N
S
------------------------
1
I
O
V
O
L
O
-------- t
SW
1
π
---
D
2
----
+
⎝⎠
⎛⎞
+
----------------------------------------------------
=
Ω
(EQ. 16)
I
P
Δ
V
IN DtSW
L
m
-----------------------------
=
A
(EQ. 17)
ΔV
CS
ΔI
P RCS
N
CT
--------------------------
=
V
(EQ. 18)
R
CS
N
CT
N
S
N
P
--------
I
O
Dt
SW
2L
O
---------------
V
IN
N
S
N
P
--------
V
O
⎝⎠
⎜⎟
⎛⎞
+
⎝⎠
⎜⎟
⎛⎞
V
IN DtSW
L
m
-----------------------------
+
----------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 19)
FIGURE 6. ADDING SLOPE COMPENSATION
R6
C4
R9
CTBUF
CS
1
2
4
3
5
6
7
89
10
11
12
13
14
15
16
RCS
ISL6752
V
e
ΔV
CS
DV
CTBUF
0.4
() 0.4
+
() R6
R6
R9
+
-------------------------------------------------------------------------------
=
V
(EQ. 20)
R9
DV
CTBUF
0.4
() V
e
ΔV
CS
0.4
++
() R6
V
e
ΔV
CS
-------------------------------------------------------------------------------------------------------------------
=
Ω
(EQ. 21)
R
CS
R6
R9
+
R9
---------------------- R
CS
=
(EQ. 22)
ISL6752


Similar Part No. - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752AAZA RENESAS-ISL6752AAZA Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com