Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3808LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3808LPBF
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3808LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3808LPBF Datasheet HTML 1Page - International Rectifier IRF3808LPBF Datasheet HTML 2Page - International Rectifier IRF3808LPBF Datasheet HTML 3Page - International Rectifier IRF3808LPBF Datasheet HTML 4Page - International Rectifier IRF3808LPBF Datasheet HTML 5Page - International Rectifier IRF3808LPBF Datasheet HTML 6Page - International Rectifier IRF3808LPBF Datasheet HTML 7Page - International Rectifier IRF3808LPBF Datasheet HTML 8Page - International Rectifier IRF3808LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HEXFET® Power MOSFET
This Advanced Planar Stripe HEXFET ® Power MOSFET
utilizes the latest processing techniques to achieve
extremely low on-resistance per silicon area. Additional
features of this HEXFET power MOSFET are a 175°C
junction operating temperature, low R
θJC, fast switching
speed and improved repetitive avalanche rating. This
combination makes the design an extremely efficient and
reliable choice for use in a wide variety of applications.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
106
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
75
A
IDM
Pulsed Drain Current

550
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
430
mJ
IAR
Avalanche Current

82
A
EAR
Repetitive Avalanche Energy
†
See Fig.12a, 12b, 15, 16
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB Mounted, Steady State)
‡
–––
40
Thermal Resistance
VDSS = 75V
RDS(on) = 0.007Ω
ID = 106A
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Benefits
Typical Applications
l
Industrial Motor Drive
D2Pak
IRF3808SPbF
TO-262
IRF3808LPbF
IRF3808SPbF
IRF3808LPbF
1
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 01, 2013
Base Part Number
Form
Quantity
IRF3808LPbF
TO-262
Tube
50
IRF3808LPbF
Tube
50
IRF3808SPbF
Tape and Reel Left
800
IRF3808STRLPbF
Tape and Reel Right
800
IRF3808STRRPbF
IRF3808SPbF
D
2Pak
Package Type
Standard Pack
Orderable Part Number


Similar Part No. - IRF3808LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808LPBF IRF-IRF3808LPBF Datasheet
264Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF3808LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com