Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3312S Datasheet(PDF) 2 Page - International Rectifier

Part # IR3312S
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3312S Datasheet(HTML) 2 Page - International Rectifier

  IR3312S Datasheet HTML 1Page - International Rectifier IR3312S Datasheet HTML 2Page - International Rectifier IR3312S Datasheet HTML 3Page - International Rectifier IR3312S Datasheet HTML 4Page - International Rectifier IR3312S Datasheet HTML 5Page - International Rectifier IR3312S Datasheet HTML 6Page - International Rectifier IR3312S Datasheet HTML 7Page - International Rectifier IR3312S Datasheet HTML 8Page - International Rectifier IR3312S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IR3312(S)
2
WWW.IRF.COM
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Vcc lead. (TAmbient = 25
oC unless otherwise specified).
1) Limited by junction temperature. Pulsed current is also limited by wiring
2) <500 Ohm or shorting Ifb to gnd may damage the part with Isd around 37A
3) >5000 Ohm or leaving Ifb open will shutdown the part. No current will flow in the load.
Symbol
Parameter
Min.
Max.
Units
Vcc - Vin max
Maximum input voltage
-16
50
Vcc-VIfb max
Maximum Ifb voltage
-0.3
50
Vcc - Vout max.
Maximum output voltage
-0.3
33
Ids cont.
Diode max. permanent current (Rth = 60 °C/W) (1)
2.8
Ids1 cont
Diode max. permanent current (Rth = 5 °C/W) (1)
25
Ids pulsed
Diode max. pulsed current (1)
100
ESD 1
Electrostatic discharge ( human body model )C=100pF, R=1500
Ω,
4
ESD 2
Electrostatic discharge (machine model)C=200pF,R=0
Ω, L=10µH
0.5
Pd
Power dissipation ( Rth = 60 °C/W )
2
W
TJ max.
Max. storage and junction temperature
-40
150
°C
Min RIfb
Minimum resistor on the Ifb pin
0.3
k
Ifb max
Max. Ifb current
-20
+20
mA
V
A
kV
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
Vcc -Vin
Continuous input voltage
6
28
Vcc -VIfb
Continuous Ifb pin voltage
0.3
28
Vcc
Supply to power ground voltage
6
28
Iout
Continuous output current ( Rth/amb < 5 °C/W, Tj = 125°C)
14
Iout 85°C amb.
Continuous output current ( Rth/amb < 60 °C/W, Tj = 125°C)
3.9
RIfb
Ifb resistor to program Isd and scale (2 & 3)
0.5
3.5
k
Pulse min.
Minimum turn-on pulse width
1
ms
Fmax
Maximum operating frequency
500
Fmax Prot.
Maximum frequency with protections activated
200
V
A
Hz
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth 1
Thermal resistance junction to Ambient - TO220
60
Rth 2
Thermal resistance junction to case - TO220
0.7
Rth 1
Thermal resistance with standard footprint - SMD220
60
Rth 2
Thermal resistance with 1" square footprint - SMD220
35
Rth 3
Thermal resistance junction to case - SMD220
0.7
°C/W


Similar Part No. - IR3312S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3312 IRF-IR3312 Datasheet
322Kb / 12P
   PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
More results

Similar Description - IR3312S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3311 IRF-IR3311 Datasheet
309Kb / 12P
   PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3310S IRF-IR3310S Datasheet
320Kb / 12P
   PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3312 IRF-IR3312 Datasheet
322Kb / 12P
   PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3313PBF IRF-IR3313PBF Datasheet
778Kb / 10P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com