Electronic Components Datasheet Search |
|
FAR-F5CE-851M00-K212-W Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
FAR-F5CE-851M00-K212-W Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 49 page DS04-23117-3E FUJITSU MEDIA DEVICE DATA SHEET ASSP Mobile Communication Systems Piezoelectric SAW BPF (700 to 1700 MHz) F5/F6 Series (K2 type) s s s s DESCRIPTION The F5CE/F6CE-K2 series of SAW band pass filters is available in the 700-1700 MHz frequency range and exhibit high stability by using single crystal Lithium Tantalate (LiTaO3) with a large electro-mechanical coefficient. The F5CE/F6CE-K2 series provides low insertion loss and wide passband width by taking advantage of Fujitsu’s unique “Ladder-type” design. The F5CE/F6CE-K2 series is housed in a small package (3.0 mm square) contributing to a significant savings in mounting space. This package is 40 % smaller than our F5CH-L2 series (3.8 mm square) . Typical applications for the F5CE/F6CE-K2 series include RF interstage filter in mobile communications systems. Standard devices are available for AMPS/TDMA/CDMA,GSM, EGSM and various Japanese standards. If higher attenuation is preferred, our F5CE-D2 series is also recommended. s s s s FEATURES • Low insertion loss and high stopband attenuation • Wide pass band width • Compact and light package (3.0 mm sq.) • External matching circuits are not required. (50 ohms I/O) • Surface mount package (SMT) • Standard devices are available for mobile communication standards (AMPS/CDMA/TDMA,GSM,EGSM,PDC800, J-CDMA, PDC 1.5 G) s s s s PACKAGE |
Similar Part No. - FAR-F5CE-851M00-K212-W |
|
Similar Description - FAR-F5CE-851M00-K212-W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |