Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86330 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part # MB86330
Description  16-bit Fixed-point DSP
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86330 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB86330 Datasheet HTML 11Page - Fujitsu Component Limited. MB86330 Datasheet HTML 12Page - Fujitsu Component Limited. MB86330 Datasheet HTML 13Page - Fujitsu Component Limited. MB86330 Datasheet HTML 14Page - Fujitsu Component Limited. MB86330 Datasheet HTML 15Page - Fujitsu Component Limited. MB86330 Datasheet HTML 16Page - Fujitsu Component Limited. MB86330 Datasheet HTML 17Page - Fujitsu Component Limited. MB86330 Datasheet HTML 18Page - Fujitsu Component Limited. MB86330 Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15
MB86330
s BASIC PIPELINE OPERATION
The DSP splits the contents of processing in one cycle to increase the number of pipeline sectors for high-speed
operation. For operations using product adders such as product addition and multiplication, and for operations
using 40-bit adders such as 40-bit addition, the processing latency is two cycles.
s PRODUCT ADDITION
For product addition and multiplication, the latency is two cycles. Because it is provided with a dual product
adder (MAC) for alternate processing every cycle, however, the DSP can process n successive product addition
(multiplication) steps in (n + 1) cycles.
PC
Pipeline phase
Operation (latency 1)
Operation (latency 2)
Transfer (Reg-Reg R/W)
Transfer (Mem Read)
Transfer (Mem Write)
DE1
DE2
EX1
EX2
PC
PC
PC
PC
dec1
adr
dec2
ALU1
dec1
R/W
dec1
ALU2
dec1
R
PC
dec1
[adr]
W
adr
dec2
adr
dec2
adr
dec2
adr
dec2
PC: Program fetch cycle
DE1: Decode 1st. cycle
DE2: Decode 2nd. cycle
EX1: Execute 1st. cycle
EX2: Execute 2nd. cycle
dec1: 1st. decoding
dec2: 2nd. decoding
adr:
Address generation
[adr]
Address maintenance
ALU:
Operation
R:
Reading
W:
Writing
MSM (1)
Operation latency 2
(n + 1) cycles
MSM (2)
MSM (3)
MSM (4)
MSM (n - 1)
MSM (n)


Similar Part No. - MB86330

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86342B FUJITSU-MB86342B Datasheet
224Kb / 19P
   Dolby Digital (AC-3) Decoder LSI
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
   MPEG2 1chip Audio/Video Encoder
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
   MPEG-2 Single Chip Audio/Video Encoder
More results

Similar Description - MB86330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SSP1601 SAMSUNG-SSP1601 Datasheet
276Kb / 5P
   16-bit Fixed Point DSP Core
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com