Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-6112 Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # SP-6112
Description  Intel짰 Queensbay processor on board ( 1.0GHz / 1.6GHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SP-6112 Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  SP-6112 Datasheet HTML 1Page - Protech Systems Co., Ltd. SP-6112 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP-6112 /
SP-6110 /
SP-6118
Fanless and Low Power
8.4" / 10.4" / 12.1" Intel
Queensbay processor
Panel PC
Intel® Queensbay processor on
board ( 1.0GHz / 1.6GHz)
Supports Intel® IOH-TopCliff
Totally fanless and quiet design
Support CFast slot
Optional Wireless LAN module
Support wide voltage DC in (9~36V)
Aluminum front bezel
Features and Benefits:
PPC
F nless
a
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - SP-6112

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6112 PROTECHSYSTEMS-SP-6112 Datasheet
561Kb / 2P
   Fanless and Low Power 8.4" / 10.4" / 12.1" Intel Queensbay processor Panel PC
More results

Similar Description - SP-6112

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6122 PROTECHSYSTEMS-SP-6122 Datasheet
598Kb / 2P
   Intel짰 N2800/D2550 processor on board
SP-6305 PROTECHSYSTEMS-SP-6305 Datasheet
526Kb / 2P
   Intel짰 N2800/D2550 processor on board
SP-6135 PROTECHSYSTEMS-SP-6135 Datasheet
544Kb / 2P
   Intel짰 N2800/D2550 processor on board
logo
List of Unclassifed Man...
MB836 ETC2-MB836 Datasheet
482Kb / 1P
   Onboard Intel짰 Atom??Processor N270, 1.6GHz 533MHz FSB
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
   Intel Atom N270 (1.6GHz) CPU on board
logo
Torex Semiconductor
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com