Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-6015 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # SP-6015
Description  Slim, Fanless and Lower Power with 10.4" / 12.1" / 15" Multi-touch Flat Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SP-6015 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  SP-6015 Datasheet HTML 1Page - Protech Systems Co., Ltd. SP-6015 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Slim, Fanless and Lower Power with 10.4" / 12.1" / 15" Multi-touch Flat Panel PC
SP-6010/SP-6012/SP-6015
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2013.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2013.
PROTECH SYSTEMS
It's the right choice
Front View
Rear View
Side View
SP-6015
SP-6012
SP-6010
281.6 (SP-6010)
324 (SP-6012)
400 (SP-6015)
259.6 (SP-6010)
308.5 (SP-6012)
371 (SP-6015)
42 (Standard)
55.8 (Full Function)
49.2 (Standard)
63 (Full Function)
43.2 (Standard)
57 (Full Function)
CPU Type
nVIDIA Tegra3 Qual Core 1.3GHz CPU
Memory
1 GB (DDR3 SDRAM on board)
Standard Type
Full Function
Flash
8G E-MMC
Brightness (cd/m²)
LCD Size
Backlight MTBF
10.4"
12.1"
15"
230 cd/m²
500 cd/m²
400 cd/m²
30,000 hrs
50,000 hrs
50,000 hrs
Storage Temp.
Operation Temp.
Humidity
0° ~ 50° C ( 32° ~ 122° F )
-20° ~ 80° C ( -4°~176° F )
20% ~ 90%
Touch screen
Capacitive Multi-touch
Backlight
LED
Front Panel Protection
IP65 compliant
Power Requirement
DC in 12V (Optional : wide-range 9~36V DC-in)
Construction
Aluminum front bezel
Mounting
Wall and ARM (VESA 75 x 75)
O.S. Support
Andriod 4.1
LAN
1 x 10/100Mbps LAN
USB
1 x USB 2.0
1 x OTG 1.1
COM 1
for full com
2 x USB 2.0
1 x OTG 1.1
COM 1 for full com
COM 2 for RS232/422/485
COM 3~5 for RS232
(COM3/4 +5/12V selectable)
Standard Type
Full Function
Serial Port
DVI
1 x DVI-D
Speaker
1 x 2 W internal speaker
Digital I/O
4 in / 4 out
Expansion Slots
1 x Micro-SD slot (up to 32GB)
Dimension
SP-6010
SP-6012
SP-6015
SP-6010
SP-6012
SP-6015
281.6 x 228.8 x 42 mm
324 x 253 x 43.2 mm
400 x 300 x 49.2mm
281.6 x 228.8 x 55.8 mm
324 x 253 x 57 mm
400 x 300 x 63 mm
2.3 kg
3 kg
4.1 kg
2.6 kg
3.3 kg
4.4 kg
System
Weight
Certificate
WDT
FCC / CE
YES
SP-6010RA-A0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 10.4" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Standard type)
SP-6010RA-A1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 10.4" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Standard type)
SP-6010RA-B0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 10.4" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Full function)
SP-6010RA-B1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 10.4" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Full function)
SP-6012RA-A0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 12.1" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Standard type)
SP-6012RA-A1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 12.1" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Standard type)
SP-6012RA-B0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 12.1" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Full function)
SP-6012RA-B1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 12.1" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Full function)
SP-6015RA-A0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 15" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Standard type)
SP-6015RA-A1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 15" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Standard type)
SP-6015RA-B0B
HSF, 3.5" SBC nVIDIA Tegra 3 with 15" Full Flat
Capacitive Multi-touch PPC + 12VDC-in(Full function)
SP-6015RA-B1B
HSF, 3.5" SBC nVIDIA Tegra 3 with 15" Full Flat
Capacitive Multi-touch PPC + 9~36VDC-in(Full function)
System
Specification
Systems


Similar Part No. - SP-6015

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6015 PROTECHSYSTEMS-SP-6015 Datasheet
507Kb / 2P
   Slim, Fanless and Lower Power with 10.4" / 12.1" / 15" Multi-touch Flat Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com