Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5566-16A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5566-16A
Description  Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5566-16A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5566-16A Datasheet HTML 1Page - Molex Electronics Ltd. 5566-16A Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39-28-1163
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16
Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
Documents:
3D Model
Packaging Specification PK-5566-003 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-5556-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-42641-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
5566
Application
Power, Wire-to-Board
Comments
The 5566 header should be used with standard Mini-
Fit® female terminals. If increased amperage of up
to 13A per circuit is needed, please consider using
the Mini-Fit® Plus HCS family 45750 terminals with
46015 headers; . See Molex Product specification
PS-5666-001 for current de-rating information.
MolexKits
Yes
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
800753581630
Physical
Breakaway
No
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
4.234/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.50mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5566Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 5566-16A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5566-16A MOLEX3-5566-16A Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.?
5566-16A-210 MOLEX3-5566-16A-210 Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
5566-16A-210 MOLEX11-5566-16A-210 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
5566-16A2 MOLEX3-5566-16A2 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
5566-16A2 MOLEX11-5566-16A2 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results

Similar Description - 5566-16A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-28-1063 MOLEX11-39-28-1063 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-1023 MOLEX11-39-28-1023 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-8060 MOLEX11-39-28-8060 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
39-28-1243 MOLEX11-39-28-1243 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-1143 MOLEX11-39-28-1143 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-1083 MOLEX11-39-28-1083 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-1103 MOLEX11-39-28-1103 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-1183 MOLEX11-39-28-1183 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
39-28-8160 MOLEX11-39-28-8160 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
39-28-1223 MOLEX11-39-28-1223 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com