Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3111-ZJ Datasheet(PDF) 6 Page - NEC

Part # 2SK3111-ZJ
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3111-ZJ Datasheet(HTML) 6 Page - NEC

  2SK3111-ZJ Datasheet HTML 1Page - NEC 2SK3111-ZJ Datasheet HTML 2Page - NEC 2SK3111-ZJ Datasheet HTML 3Page - NEC 2SK3111-ZJ Datasheet HTML 4Page - NEC 2SK3111-ZJ Datasheet HTML 5Page - NEC 2SK3111-ZJ Datasheet HTML 6Page - NEC 2SK3111-ZJ Datasheet HTML 7Page - NEC 2SK3111-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D13334EJ1V0DS00
6
2SK3111
0.01
10
0.1
1
10
100
VDD = 100 V
VGS = 20 V
0 V
RG = 25
Starting Tch = 25 ˚C
1
SINGLE AVALANCHE ENERGY vs.
INDUCTIVE LOAD
L - Inductive Load - mH
IAS = 20 A
E
AS =
100
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
75
150
125
80
40
0
Starting Tch - Starting Channel Temperature - ˚C
50
100
25
100
60
20
VDD = 100 V
RG = 25
VGS = 20 V
0 V
IAS
≤ 20 A


Similar Part No. - 2SK3111-ZJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3111-ZJ ISC-2SK3111-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3111-ZJ RENESAS-2SK3111-ZJ Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3111-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com