Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCV011512D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DCV011512D
Description  Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCV011512D Datasheet(HTML) 4 Page - Texas Instruments

  DCV011512D Datasheet HTML 1Page - Texas Instruments DCV011512D Datasheet HTML 2Page - Texas Instruments DCV011512D Datasheet HTML 3Page - Texas Instruments DCV011512D Datasheet HTML 4Page - Texas Instruments DCV011512D Datasheet HTML 5Page - Texas Instruments DCV011512D Datasheet HTML 6Page - Texas Instruments DCV011512D Datasheet HTML 7Page - Texas Instruments DCV011512D Datasheet HTML 8Page - Texas Instruments DCV011512D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DCV01D
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
-
V
OUT
SYNC
IN
SYNC
OUT
DCV01
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
NC
SYNC
IN
SYNC
OUT
DCV01 Series
SBVS014A – AUGUST 2000 – REVISED DECEMBER 2013
www.ti.com
PIN CONFIGURATION: SINGLE OUTPUT
NVA AND DUA PACKAGES
PDIP-14 AND SOP-14
(TOP VIEW)
Table 1. Pin Descriptions (Single Output)
PIN NAME
PIN NO.
DESCRIPTION
VS
1
Voltage input
0V
2
Input side common
0V
5
Output side common
+VOUT
6
+Voltage out
NC
7
Not connected
SYNCOUT
8
Unrectified transformer output
SYNCIN
14
Synchronization pin
PIN CONFIGURATION: DUAL OUTPUT
NVA AND DUA PACKAGES
PDIP-14 AND SOP-14
(TOP VIEW)
Table 2. Pin Descriptions (Dual Output)
PIN NAME
PIN NO.
DESCRIPTION
VS
1
Voltage input
0V
2
Input side common
0V
5
Output side common
+VOUT
6
+Voltage out
–VOUT
7
–Voltage out
SYNCOUT
8
Unrectified transformer output
SYNCIN
14
Synchronization pin
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated


Similar Part No. - DCV011512D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV011512D BURR-BROWN-DCV011512D Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV011512DP BURR-BROWN-DCV011512DP Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV011512DP BURR-BROWN-DCV011512DP Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV011512DP-U BURR-BROWN-DCV011512DP-U Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV011512DP-U BURR-BROWN-DCV011512DP-U Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV011512D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI1-DCH01_09 Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com