Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCV010512D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DCV010512D
Description  Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCV010512D Datasheet(HTML) 8 Page - Texas Instruments

Back Button DCV010512D Datasheet HTML 4Page - Texas Instruments DCV010512D Datasheet HTML 5Page - Texas Instruments DCV010512D Datasheet HTML 6Page - Texas Instruments DCV010512D Datasheet HTML 7Page - Texas Instruments DCV010512D Datasheet HTML 8Page - Texas Instruments DCV010512D Datasheet HTML 9Page - Texas Instruments DCV010512D Datasheet HTML 10Page - Texas Instruments DCV010512D Datasheet HTML 11Page - Texas Instruments DCV010512D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DCV
01
+V
OUT
V
SUPPLY
+V
OUT
-
V
OUT
-
V
OUT
0V
V
S
0V
COM
DCV
01
V
OUT1
V
SUPPLY
V
S
0V
DCV
01
V
OUT2
V
+ V
OUT1
OUT2
SYNC
IN
SYNC
IN
V
S
0V
0V
0V
COM
DCV01 Series
SBVS014A – AUGUST 2000 – REVISED DECEMBER 2013
www.ti.com
ADDITIONAL FUNCTIONS
DISABLE/ENABLE
The DCV01 can be disabled or enabled by driving the SYNC pin using an open drain CMOS gate. If the SYNCIN
pin is pulled low, the DCV01 will be disabled. The disable time depends upon the external loading; the internal
disable function is implemented in 2
μs. Removal of the pull down will cause the DCV01 to be enabled.
Capacitive loading on the SYNCIN pin should be minimized in order to prevent a reduction in the oscillator
frequency.
DECOUPLING
Ripple Reduction
The high switching frequency of 400 kHz allows simple filtering. To reduce ripple, it is recommended that at least
a 1-
μF ceramic capacitor is used on VOUT. Dual outputs should both be decoupled to pin 5. A 2.2-μF low-ESR
ceramic capacitor on the input of the 5-V input versions, and a 0.47-
μF low ESR cap on the 24-V input versions
is recommended.
Connecting the DCV01 in Series
Multiple DCV01 isolated 1W dc-dc converters can be connected in series to provide nonstandard voltage rails.
This is possible by using the floating outputs provided by the galvanic isolation of the DCV01.
Connect the positive VOUT from one DCV01 to the negative VOUT (0 V) of another, as shown in Figure 10. If the
SYNCIN pins are tied together, the self-synchronization feature of the DCV01 will prevent beat frequencies on the
voltage rails. The SYNCIN feature of the DCV01 allows easy series connection without external filtering, thus
minimizing cost. The outputs on the dual-output DCV01 versions can also be connected in series to provide two
times the magnitude of VOUT, as shown in Figure 11. For example, a dual 15-V DCV01 could be connected to
provide a 30-V rail.
Figure 10. Connecting the DCV01 in Series
Figure 11. Connecting Dual Outputs in Series
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated


Similar Part No. - DCV010512D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010512D BURR-BROWN-DCV010512D Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010512DP BURR-BROWN-DCV010512DP Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010512DP BURR-BROWN-DCV010512DP Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010512DP-U BURR-BROWN-DCV010512DP-U Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010512DP-U BURR-BROWN-DCV010512DP-U Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010512D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI1-DCH01_09 Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com