Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR010503U Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DCR010503U
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR010503U Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCR010503U Datasheet HTML 3Page - Texas Instruments DCR010503U Datasheet HTML 4Page - Texas Instruments DCR010503U Datasheet HTML 5Page - Texas Instruments DCR010503U Datasheet HTML 6Page - Texas Instruments DCR010503U Datasheet HTML 7Page - Texas Instruments DCR010503U Datasheet HTML 8Page - Texas Instruments DCR010503U Datasheet HTML 9Page - Texas Instruments DCR010503U Datasheet HTML 10Page - Texas Instruments DCR010503U Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DCR01 Series
7
SBVS013C
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, IO = 10mA, CFILTER = 1µF, CO = 0.1µF, unless otherwise specified.
EFFICIENCY vs LOAD
DCR0112405 “P” and “U” DEVICES
Load (%)
70
60
50
40
30
20
10
0
100
0
102030405060708090
60.0
50.0
40.0
30.0
20.0
10.0
0
DCR011205P OUTPUT NOISE
(100MHz Bandwidth)
0%
20%
40%
60%
80%
100%
Load%
DCR010503P V
OUT vs LOAD
Load (%)
3.305
3.3
3.295
3.29
3.285
3.28
3.275
3.27
3.265
100
0
102030405060708090
85
°C
25
°C
–40
°C
3V OUTPUT vs LOAD
(all devices except DCR010503P)
3.325
3.325
3.305
3.295
3.285
3.275
3.265
Load (%)
100
0
102030405060708090
EFFICIENCY FOR 5V AND 12V INPUT
“U” DEVICES, 5V OUTPUT
Load (%)
70
60
50
40
30
20
10
0
100
0
102030405060708090
DCR011203P OUTPUT NOISE
(100MHz Bandwidth)
Load (%)
120.0
100.0
80.0
60.0
40.0
20.0
0
20
40
60
80
100
0


Similar Part No. - DCR010503U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR010503U BURR-BROWN-DCR010503U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010503U BURR-BROWN-DCR010503U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503U TI1-DCR010503U Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR010503U/1K BURR-BROWN-DCR010503U/1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503U/1K TI1-DCR010503U/1K Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR010503U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com